Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems ICS1889 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
ICS1889
PHY Identifier Register (register 3)
Register 2 and Register 3 contain the 24 bit Organizationally
Unique Identifier (OUI), Manufacturers Model Number and
Revision Number. Integrated Circuit Systems’s OUI is used as
the default for registers 2 and 3.
These two registers can always be read and may be written by
setting the Command Override bit in the Configuration
register (16:15) and then performing a write operation. At
power-up and reset they are set to Integrated Circuit Systems’
OUI. By allowing these registers to be written, a systems
vendor may substitute their own OUI.
See register 2 for OUI formatting information.
Organizationally Unique Identifier
bits 19-24 (bits 15-10)
This field contains the upper 6 bits of the IEEE OUI. Bit 19 of
the OUI maps to bit 15 of the register.
Manufacturer’s Model Number bits 5-0 (bits 9-4)
Model
Part
1
ICS1889
2
ICS1890
Revision Number bits 3-0 (bits 3-0)
The revision number will be incremented each time the silicon
is significantly revised. Currently the device is at revision 1.
PHY Identifier Register (register 3)
BIT
Definition
When bit = 0
When bit = 1
Access
Default
15
OUI bit 19 | s
CW
0
14
OUI bit 20 | t
CW
1
13
OUI bit 21 | u
CW
1
12
OUI bit 22 | v
CW
0
11
OUI bit 23 | w
CW
0
10
OUI bit 24 | x
CW
0
9
Manufacturer’s Model Number bit 5
CW
0
8
Manufacturer’s Model Number bit 4
CW
0
7
Manufacturer’s Model Number bit 3
CW
0
6
Manufacturer’s Model Number bit 2
CW
0
5
Manufacturer’s Model Number bit 1
CW
0
4
Manufacturer’s Model Number bit 0
CW
1
3
Revision Number bit 3
CW
0
2
Revision Number bit 2
CW
1
1
Revision Number bit 1
CW
0
0
Revision Number bit 0
CW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com