Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
ICS1889
Status Register (register 1)
The ICS1889 status register is a 16 bit read only register
used to indicate the basic status of the ICS1889. It is
accessed via the management interface of the MII. It is
initialized during a power-up or reset to predefined default
values. If the ICS1889 is enabled for auto-configuration,
certain bits in the status register may be set to zero as defined
below.
100Base-T4 (bit 15)
This bit is permanently set to a logic zero indicating that the
ICS1889 is not able to support 100Base-T4 operation.
100Base-X Full Duplex (bit 14)
This bit defaults to a logic one indicating that the ICS1889 is
able to support 100Base-X Full Duplex operation.
100Base-X Half Duplex (bit 13)
This bit defaults to a logic one indicating that the ICS1889 is
able to support 100Base-X Half Duplex operation.
10 Mbps Full Duplex (bit 12)
This bit is permanently set to a logic zero indicating that
10Base-T is not supported.
10 Mbps Half Duplex (bit 11)
This bit is permanently set to a logic zero indicating that
10Base-T is not supported.
Reserved (bits 10 through 6)
These bits are reserved for future IEEE standards. When read,
logic zeroes are returned. Writing has no effect on ICS1889
operation.
Auto-Negotiation Complete (bit 5)
This bit is permanently set to a logic zero.
Remote Fault (bit 4)
When set to a logic one, this bit indicates that a remote fault
(Far End Fault) has been detected by the Link Monitor. This
bit remains set to a logic one until it is cleared by reading the
status register or by a reset command
If the link partner is implemented with a non-ICS1889 device,
the causes of a link failure will be specified by that PHY
vendor. If the link partner is implemented with an ICS1889, a
remote fault indication means a receive channel error
occurred.
Auto-Negotiation Ability (bit 3)
This feature is not available with fiber optic solutions. This bit
is permanently set to a logic zero indicating that it is not
supported.
Control Register (register 1)
BIT
Definition
When bit = 0
When bit = 1
Access
Default
15
OUI bit 19 | s
CW
0
14
OUI bit 20 | t
CW
1
13
OUI bit 21 | u
CW
1
12
OUI bit 22 | v
CW
0
11
OUI bit 23 | w
CW
0
10
OUI bit 24 | x
CW
0
9
Manufacturer’s Model Number bit 5
CW
0
8
Manufacturer’s Model Number bit 4
CW
0
7
Manufacturer’s Model Number bit 3
CW
0
6
Manufacturer’s Model Number bit 2
CW
0
5
Manufacturer’s Model Number bit 1
CW
0
4
Manufacturer’s Model Number bit 0
CW
1
3
Revision Number bit 3
CW
0
2
Revision Number bit 2
CW
1
1
Revision Number bit 1
CW
0
0
Revision Number bit 0
CW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com