Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
ICS1889
Control Register (register 0)
The control register is a 16-bit read/write register used to set
the basic configuration modes of the ICS1889. It is accessed
through the management interface of the MII.
Reset (bit 15) default = 0
Setting this bit to a logic 1 will result in the ICS1889 setting
all its status and control registers to their default values.
During this process the ICS1889 may change internal states
and the states of physical links attached to it. While in process,
the bit will remain set and no other write commands to the
control register will be accepted. The reset process will be
completed within 500 ms and the bit will be cleared indicating
that the reset process is complete.
Loop Back (bit 14)
Setting this bit to a logic one causes the ICS1889 to tristate
the transmit circuitry from sending data and the receive
circuitry from receiving data. The collision detection circuitry
is also disabled unless the collision test command bit is set.
Data presented to the MII transmit data path is returned to the
MII receive data path (see ICS1889 Block Diagram, page 2).
Data Rate (bit 13)
This bit is permanently set to a logic one indicating that only
the 100 Mbps mode is supported.
Auto-Negotiation Enable (bit 12)
This feature is not available with fiber optic solutions. This bit
is permanently set to a logic zero indicating that it is not
supported.
Power-Down (bit 11)
Setting it to logic one will cause the ICS1889 to isolate its
transmit data output and its MII interface with the exception
of the management interface. The ICS1889 will then enter a
power-down mode where only the management interface and
logic remain active. Setting this bit to logic zero after it has
been set to a logic one will cause the ICS1889 to power-up its
logic and then reset all error conditions. It then enables
transmit data and the MII interface. This process takes 500 ms
to complete.
Control Register (register 0)
BIT
Function
Effect when bit = 0
Effect when bit = 1
Access
Default
15
Reset
No Effect
Reset PHY
RW/SC
0
14
Loop Back
Disable loop back mode
Enable loop back mode
RW
0
13
Data Rate
Always set to a logic one 100 Mpbs operation
RO
1
12
Auto-Negotiate Enable
No Effect
Always set to logic zero
RO
0
11
Power-Down
Normal Mode
Reduced
power consumption
RW
0
10
Isolate
No Effect
Isolate PHY from MII
RW
0 if PHY
Address
< >0,
1 if PHY
Address=0
9
Restart Auto-Negotitation No Effect
Always set to logic zero
RO
0
8
Duplex Mode
Half Duplex
Full Duplex
RW
0
7
Collision Test
No Effect
Enable collision signal test
RW
0
6
Reserved
RO
0
5
Reserved
RO
0
4
Reserved
If read, bits 0-6 and bits 9 and 12 will return logic
zeroes and bit 13 will return a logic one.
RO
0
3
RO
0
2
Reserved
Writes to these bits will have no effect.
RO
0
1
Reserved
RO
0
0
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com