Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 30Page - Analog Devices ADE7763_15 Datasheet HTML 31Page - Analog Devices ADE7763_15 Datasheet HTML 32Page - Analog Devices ADE7763_15 Datasheet HTML 33Page - Analog Devices ADE7763_15 Datasheet HTML 34Page - Analog Devices ADE7763_15 Datasheet HTML 35Page - Analog Devices ADE7763_15 Datasheet HTML 36Page - Analog Devices ADE7763_15 Datasheet HTML 37Page - Analog Devices ADE7763_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 34 of 56
Integration Times under Steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.1 µs (4/CLKIN).
With full-scale sinusoidal signals on the analog inputs and the
VAGAIN register set to 0x000, the average word value from the
apparent power stage is 0xA D055. The maximum value that
can be stored in the apparent energy register before it overflows
is 224 or 0xFF FFFF. The average word value is added to the
internal register, which can store 248 or 0xFFFF FFFF FFFF
before it overflows. Therefore, the integration time under these
conditions with VADIV = 0 is calculated as follows:
min
52
.
12
888
2
.
1
0xAD055
FFFF
FFFF
0xFFFF
=
=
µ
×
=
s
s
Time
(28)
When VADIV is set to a value other than 0, the integration time
varies, as shown in Equation 29.
Time = TimeWDIV= 0 × VADIV
(29)
LINE APPARENT ENERGY ACCUMULATION
The ADE7763 is designed with a special apparent energy
accumulation mode, which simplifies the calibration process.
By using the on-chip zero-crossing detection, the ADE7763
accumulates the apparent power signal in the LVAENERGY
register for an integral number of half cycles, as shown in
Figure 68. The line apparent energy accumulation mode is
always active.
The number of half line cycles is specified in the LINECYC
register, which is an unsigned, 16-bit register. The ADE7763 can
accumulate apparent power for up to 65,535 combined half
cycles. Because the apparent power is integrated on the same
integral number of line cycles as the line active energy register,
these two values can be easily compared. The active and apparent
energies are calculated more accurately because of this precise
timing control. At the end of an energy calibration cycle, the
CYCEND flag in the interrupt status register is set. If the
CYCEND mask bit in the interrupt mask register is enabled, the
IRQ output also will go active low. Thus, the IRQ line can also
be used to signal the end of a calibration.
The line apparent energy accumulation uses the same signal path
as the apparent energy accumulation. The LSB size of these two
registers is equivalent.
VADIV[7:0]
LPF1
+
+
LVAENERGY[23:0]
LVAENERGY REGISTER IS
UPDATED EVERY LINECYC
ZERO CROSSINGS WITH THE
TOTAL APPARENT ENERGY
DURING THAT DURATION
APPARENT
POWER
FROM
CHANNEL 2
ADC
23
0
LINECYC[15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
Figure 68. Apparent Energy Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com