Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 12Page - Analog Devices ADE7763_15 Datasheet HTML 13Page - Analog Devices ADE7763_15 Datasheet HTML 14Page - Analog Devices ADE7763_15 Datasheet HTML 15Page - Analog Devices ADE7763_15 Datasheet HTML 16Page - Analog Devices ADE7763_15 Datasheet HTML 17Page - Analog Devices ADE7763_15 Datasheet HTML 18Page - Analog Devices ADE7763_15 Datasheet HTML 19Page - Analog Devices ADE7763_15 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 16 of 56
FREQUENCY (Hz)
102
103
–88.0
–88.5
–89.0
–89.5
–90.0
–90.5
Figure 29. Combined Phase Response of the
Digital Integrator and Phase Compensator
FREQUENCY (Hz)
–1.0
–6.0
40
70
45
50
55
60
65
–1.5
–2.0
–2.5
–3.5
–4.5
–5.5
–3.0
–4.0
–5.0
Figure 30. Combined Gain Response of the
Digital Integrator and Phase Compensator (40 Hz to 70 Hz)
–89.75
–89.80
–89.85
–89.90
–89.95
–90.00
FREQUENCY (Hz)
40
45
70
50
55
60
65
–90.05
–90.10
–89.70
Figure 31. Combined Phase Response of the
Digital Integrator and Phase Compensator (40 Hz to 70 Hz)
Note that the integrator has a –20 dB/dec attenuation and
approximately a –90° phase shift. When combined with a di/dt
sensor, the resulting magnitude and phase response should be a
flat gain over the frequency band of interest. The di/dt sensor
has a 20 dB/dec gain. It also generates significant high
frequency noise, necessitating a more effective antialiasing filter
to avoid noise due to aliasing—see the Antialias Filter section.
When the digital integrator is switched off, the ADE7763 can be
used directly with a conventional current sensor such as a current
transformer (CT) or with a low resistance current shunt.
ZERO-CROSSING DETECTION
The ADE7763 has a zero-crossing detection circuit on Channel 2.
This zero crossing is used to produce an external zero-crossing
signal (ZX), which is used in the calibration mode (see the
Calibrating an Energy Meter section). This signal is also used to
initiate a temperature measurement (see the Temperature
Measurement section).
Figure 32 shows how the zero-crossing signal is generated from
the output of LPF1.
1, 2, 1,
8, 16
ADC 2
REFERENCE
1
LPF1
f–3dB = 140Hz
–63%TO +63% FS
PGA2
{GAIN[7:5]}
V2P
V2N
V2
ZERO
CROSSING
ZX
TO
MULTIPLIER
2.32° @ 60Hz
1.0
0.93
ZX
V2
LPF1
Figure 32. Zero-Crossing Detection on Channel 2
The ZX signal goes logic high upon a positive-going zero
crossing and logic low upon a negative-going zero crossing on
Channel 2. The ZX signal is generated from the output of LPF1.
LPF1 has a single pole at 140 Hz (@ CLKIN = 3.579545 MHz).
As a result, there is a phase lag between the analog input signal
V2 and the output of LPF1. The phase response of this filter is
shown in the Channel 2 Sampling section. The phase lag response
of LPF1 results in a time delay of approximately 1.14 ms
(@ 60 Hz) between the zero crossing on the analog inputs of
Channel 2 and the rising or falling edge of ZX.
Zero-crossing detection also drives the ZX flag in the interrupt
status register. The ZX flag is set to Logic 1 on the rising and
falling edge of the voltage waveform. It remains high until the
status register is read with reset. An active low in the IRQ
output appears if the corresponding bit in the interrupt enable
register is set to Logic 1.
The flag in the interrupt status register and the IRQ output are
set to their default values when reset (RSTSTATUS) is read in
the interrupt status register.
Zero-Crossing Timeout
Zero-crossing detection has an associated timeout register,
ZXTOUT. This unsigned, 12-bit register is decremented (1 LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com