Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 48Page - Analog Devices ADE7763_15 Datasheet HTML 49Page - Analog Devices ADE7763_15 Datasheet HTML 50Page - Analog Devices ADE7763_15 Datasheet HTML 51Page - Analog Devices ADE7763_15 Datasheet HTML 52Page - Analog Devices ADE7763_15 Datasheet HTML 53Page - Analog Devices ADE7763_15 Datasheet HTML 54Page - Analog Devices ADE7763_15 Datasheet HTML 55Page - Analog Devices ADE7763_15 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 52 of 56
Bit
Location
Bit
Mnemonic
Default
Value
Description
14, 13
WAVSEL1, 0
00
Use these bits to select the source of the sampled data for the waveform register.
WAVSEL1, 0
Length
Source
0
0
24 bits, active power signal (output of LPF2)
0
1
Reserved
1
0
24 bits, Channel 1
1
1
24 bits, Channel 2
15
POAM
0
Writing Logic 1 to this bit allows only positive active power to accumulate. The default value of this
bit is 0.
SWAP
(SWAP CH1 AND CH2 ADCs)
DTRT
(WAVEFORM SAMPLES OUTPUT DATA RATE)
00 = 27.9kSPS (CLKIN/128)
01 = 14.4kSPS (CLKIN/256)
10 = 7.2kSPS (CLKIN/512)
11 = 3.6kSPS (CLKIN/1024)
POAM
(POSITIVE ONLY ACCUMULATION)
WAVSEL
(WAVEFORM SELECTION FOR SAMPLE MODE)
00 = LPF2
01 = RESERVED
10 = CH1
11 = CH2
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
ADDR: 0x09
DISHPF
(DISABLE HPF1 IN CHANNEL 1)
DISLPF2
(DISABLE LPF2 AFTER MULTIPLIER)
DISCF
(DISABLE FREQUENCY OUTPUT CF)
DISSAG
(DISABLE SAG OUTPUT)
ASUSPEND
(SUSPEND CH1 AND CH2 ADCs)
TEMPSEL
(START TEMPERATURE SENSING)
SWRST
(SOFTWARE CHIP RESET)
CYCMODE
(LINE CYCLE ENERGY ACCUMULATION MODE)
DISCH2
(SHORT THE ANALOG INPUTS ON CHANNEL 2)
DISCH1
(SHORT THE ANALOG INPUTS ON CHANNEL 1)
NOTE: REGISTER CONTENTS SHOW POWER-ON DEFAULTS
Figure 86. Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com