Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 25Page - Analog Devices ADE7763_15 Datasheet HTML 26Page - Analog Devices ADE7763_15 Datasheet HTML 27Page - Analog Devices ADE7763_15 Datasheet HTML 28Page - Analog Devices ADE7763_15 Datasheet HTML 29Page - Analog Devices ADE7763_15 Datasheet HTML 30Page - Analog Devices ADE7763_15 Datasheet HTML 31Page - Analog Devices ADE7763_15 Datasheet HTML 32Page - Analog Devices ADE7763_15 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 29 of 56
Integration Time under Steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.1 µs (4/CLKIN).
With full-scale sinusoidal signals on the analog inputs and the
WGAIN register set to 0x000, the average word value from each
LPF2 is 0xC CCCD—see Figure 53. The maximum positive
value that can be stored in the internal 49-bit register before it
overflows is 248, or 0xFFFF FFFF FFFF. The integration time
under these conditions with WDIV = 0 is calculated as follows:
Time =
min
26
.
6
s
8
.
375
s
12
.
1
CCCD
0xC
FFFF
FFFF
0xFFFF
=
=
µ
×
(15)
When WDIV is set to a value other than 0, the integration time
varies, as shown in Equation 16.
Time = TimeWDIV= 0 × WDIV
(16)
POWER OFFSET CALIBRATION
The ADE7763 incorporates an active power offset register
(APOS[15:0]). This is a signed, twos complement, 16-bit
register that can be used to remove offsets in the active power
calculation—see Figure 57. An offset could exist in the power
calculation due to crosstalk between channels on the PCB or in
the IC itself.
The 256 LSBs (APOS = 0x0100) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register. Assuming the average value output from LPF2 is
0xC CCCD (838,861d) when inputs on Channels 1 and 2 are
both at full scale. At −60 dB down on Channel 1 (1/1000 of the
Channel 1 full-scale input), the average word value output from
LPF2 is 838.861 (838,861/1,000). One LSB in the LPF2 output
has a measurement error of 1/838.861 × 100% = 0.119% of the
average value. The active power offset register has a resolution
equal to 1/256 LSB of the waveform register; therefore, the
power offset correction resolution is 0.00047%/LSB
(0.119%/256) at –60 dB.
ENERGY-TO-FREQUENCY CONVERSION
The ADE7763 provides energy-to-frequency conversion for
calibration purposes. After initial calibration at manufacturing,
the manufacturer or end customer often verifies the energy meter
calibration. One convenient way to verify the meter calibration
is for the manufacturer to provide an output frequency, which is
proportional to the energy or active power under steady load
conditions. This output frequency can provide a simple, single-
wire, optically isolated interface to external calibration equip-
ment. Figure 59 illustrates the energy-to-frequency conversion.
CFNUM[11:0]
CF
11
0
CFDEN[11:0]
11
0
AENERGY[48:0]
48
0
%
DFC
Figure 59. Energy-to-Frequency Conversion
A digital-to-frequency converter (DFC) is used to generate the
CF pulsed output. The DFC generates a pulse each time 1 LSB
in the active energy register is accumulated. An output pulse is
generated when (CFDEN + 1)/(CFNUM + 1) number of pulses
are generated at the DFC output. Under steady load conditions,
the output frequency is proportional to the active power.
The maximum output frequency, with ac input signals at full
scale, CFNUM = 0x00, and CFDEN = 0x00, is approximately
23 kHz.
There are two unsigned, 12-bit registers, CFNUM[11:0] and
CFDEN[11:0], that can be used to set the CF frequency to a wide
range of values. These frequency-scaling registers are 12-bit
registers that can scale the output frequency by 1/212 to 1 with a
step of 1/212.
If the value 0 is written to any of these registers, the value 1 will
be applied to the register. The ratio (CFNUM + 1)/(CFDEN + 1)
should be smaller than 1 to ensure proper operation. If the ratio
of the registers (CFNUM + 1)/(CFDEN + 1) is greater than 1, the
register values will be adjusted to a ratio (CFNUM + 1)/
(CFDEN + 1) of 1. For example, if the output frequency is
1.562 kHz while the contents of CFDEN are 0 (0x000), then the
output frequency can be set to 6.1 Hz by writing 0xFF to the
CFDEN register.
When CFNUM and CFDEN are both set to one, the CF pulse
width is fixed at 16 CLKIN/4 clock cycles, approximately 18 µs
with a CLKIN of 3.579545 MHz. If the CF pulse output is longer
than 180 ms for an active energy frequency of less than 5.56 Hz,
the pulse width is fixed at 90 ms. Otherwise, the pulse width is
50% of the duty cycle.
The output frequency has a slight ripple at a frequency equal to
twice the line frequency. This is due to imperfect filtering of the
instantaneous power signal to generate the active power signal—
see the Active Power Calculation section. Equation 8 gives an
expression for the instantaneous power signal. This is filtered by
LPF2, which has a magnitude response given by Equation 17.
2
9
.
8
1
1
)
(
2
f
f
H
+
=
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com