Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 10Page - Analog Devices ADE7763_15 Datasheet HTML 11Page - Analog Devices ADE7763_15 Datasheet HTML 12Page - Analog Devices ADE7763_15 Datasheet HTML 13Page - Analog Devices ADE7763_15 Datasheet HTML 14Page - Analog Devices ADE7763_15 Datasheet HTML 15Page - Analog Devices ADE7763_15 Datasheet HTML 16Page - Analog Devices ADE7763_15 Datasheet HTML 17Page - Analog Devices ADE7763_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 14 of 56
THEORY OF OPERATION
ANALOG INPUTS
The ADE7763 has two fully differential voltage input channels.
The maximum differential input voltage for input pairs V1P/V1N
and V2P/V2N is ±0.5 V. In addition, the maximum signal level
on analog inputs for V1P/V1N and V2P/V2N is ±0.5 V with
respect to AGND.
Each analog input channel has a programmable gain amplifier
(PGA) with possible gain selections of 1, 2, 4, 8, and 16. The
gain selections are made by writing to the gain register—see
Figure 24. Bits 0 to 2 select the gain for the PGA in Channel 1;
the gain selection for the PGA in Channel 2 is made via Bits 5
to 7. Figure 23 shows how a gain selection for Channel 1 is
made using the gain register.
V1P
V1N
VIN
K
× V
IN
+
GAIN[7:0]
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
GAIN (K)
SELECTION
OFFSET ADJUST
(±50mV)
CH1OS[7:0]
BITS 0 to 5: SIGN MAGNITUDE CODED OFFSET CORRECTION
BIT 6: NOT USED
BIT 7: DIGITAL INTEGRATOR (ON = 1, OFF = 0; DEFAULT OFF)
Figure 23. PGA in Channel 1
In addition to the PGA, Channel 1 also has a full-scale input
range selection for the ADC. The ADC analog input range
selection is also made using the gain register—see Figure 24. As
previously mentioned, the maximum differential input voltage
is 0.5 V. However, by using Bits 3 and 4 in the gain register, the
maximum ADC input voltage can be set to 0.5 V, 0.25 V, or
0.125 V. This is achieved by adjusting the ADC reference—see
the Reference Circuit section. Table 5 summarizes the
maximum differential input signal level on Channel 1 for the
various ADC range and gain selections.
Table 5. Maximum Input Signal Levels for Channel 1
Max Signal
Channel 1
ADC Input Range Selection
0.5 V
0.25 V
0.125 V
0.5 V
Gain = 1
−
−
0.25 V
Gain = 2
Gain = 1
−
0.125 V
Gain = 4
Gain = 2
Gain = 1
0.0625 V
Gain = 8
Gain = 4
Gain = 2
0.0313 V
Gain = 16
Gain = 8
Gain = 4
0.0156 V
−
Gain = 16
Gain = 8
0.00781 V
−
−
Gain = 16
GAIN REGISTER*
CHANNEL 1 AND CHANNEL 2 PGA CONTROL
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
ADDR:
0x0F
* REGISTER CONTENTS
SHOW POWER-ON DEFAULTS
PGA 2 GAIN SELECT
000 = × 1
001 = × 2
010 = × 4
011 = × 8
100 = × 16
PGA 1 GAIN SELECT
000 = × 1
001 = × 2
010 = × 4
011 = × 8
100 = × 16
CHANNEL 1 FULL-SCALE SELECT
00 = 0.5V
01 = 0.25V
10 = 0.125V
Figure 24. Analog Gain Register
It is also possible to adjust offset errors on Channel 1 and
Channel 2 by writing to the offset correction registers (CH1OS
and CH2OS, respectively). These registers allow channel offsets
in the range ±20 mV to ±50 mV (depending on the gain setting)
to be removed. Note that it is not necessary to perform an offset
correction in an energy measurement application if HPF in
Channel 1 is switched on. Figure 25 shows the effect of offsets
on the real power calculation. As seen from Figure 25, an offset
on Channel 1 and Channel 2 contributes a dc component after
multiplication. Because this dc component is extracted by LPF2
to generate the active (real) power information, the offsets
contribute an error to the active power calculation. This problem
is easily avoided by enabling HPF in Channel 1. By removing
the offset from at least one channel, no error component is
generated at dc by the multiplication. Error terms at cos(ωt) are
removed by LPF2 and by integration of the active power signal
in the active energy register (AENERGY[23:0])—see the Energy
Calculation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com