Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 32Page - Analog Devices ADE7763_15 Datasheet HTML 33Page - Analog Devices ADE7763_15 Datasheet HTML 34Page - Analog Devices ADE7763_15 Datasheet HTML 35Page - Analog Devices ADE7763_15 Datasheet HTML 36Page - Analog Devices ADE7763_15 Datasheet HTML 37Page - Analog Devices ADE7763_15 Datasheet HTML 38Page - Analog Devices ADE7763_15 Datasheet HTML 39Page - Analog Devices ADE7763_15 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 36 of 56
Watt Gain
The first step of calibrating the gain is to define the line voltage,
the base current, and the maximum current for the meter. A
meter constant, such as 3200 imp/kWh or 3.2 imp/Wh, needs to
be determined for CF. Note that the line voltage and the
maximum current scale to half of their respective analog input
ranges in this example.
The expected CF in Hz is
CFexpected (Hz) =
)
cos(
s/h
3600
)
W
(
)
imp/Wh
(
ϕ
×
× Load
ant
MeterConst
(30)
where:
ϕ is the angle between I and V.
cos )
(
ϕ is the power factor.
The ratio of active energy LSBs per CF pulse is adjusted using
the CFNUM, CFDEN, and WDIV registers.
CFexpected =
)
1
(
)
1
(
(s)
+
+
×
×
CFDEN
CFNUM
WDIV
onTime
Accumulati
LAENERGY
(31)
The relationship between watt-hours accumulated and the
quantity read from AENERGY can be determined from the
amount of active energy accumulated over time with a
given load:
s/h
3600
)
(
(W)
LSB
Wh
×
×
=
LAENERGY
s
Time
on
Accumulati
Load
(32)
where Accumulation Time can be determined from the value in
the line period and the number of half line cycles fixed in the
LINECYC register.
Accumulation time(s) =
2
)
(s
Period
Line
LINECYCIB ×
(33)
The line period can be determined from the period register:
Line Period(s) = PERIOD ×
CLKIN
8
(34)
The AENERGY Wh/LSB ratio can also be expressed in terms of
the meter constant:
(imp/Wh)
)
1
(
)
1
(
LSB
Wh
ant
MeterConst
WDIV
CFDEN
CFNUM
×
+
+
=
(35)
In a meter design, WDIV, CFNUM, and CFDEN should be kept
constant across all meters to ensure that the Wh/LSB constant is
maintained. Leaving WDIV at its default value of 0 ensures
maximum resolution. The WDIV register is not included in the
CF signal chain, so it does not affect the frequency pulse output.
The WGAIN register is used to finely calibrate each meter. Cali-
brating the WGAIN register changes both CF and AENERGY for
a given load condition.
AENERGYexpected = AENERGYnominal ×
 +
12
2
1 WGAIN
(36)
CFexpected (Hz) = CFnominal ×
 +
×
+
+
12
2
1
)
1
(
)
1
(
WGAIN
CFDEN
CFNUM
(37)
When calibrating with a reference meter, WGAIN is adjusted
until CF matches the reference meter pulse output. If an
accurate source is used to calibrate, WGAIN will be modified
until the active energy accumulation rate yields the expected CF
pulse rate.
The steps of designing and calibrating the active energy portion
of a meter with either a reference meter or an accurate source
are outlined in the following examples. The specifications for
this example are
Meter Constant:
MeterConstant(imp/Wh) = 3.2
Base Current:
Ib = 10 A
Maximum Current:
IMAX = 60 A
Line Voltage:
Vnominal = 220 V
Line Frequency:
fl = 50 Hz
The first step in calibration with either a reference meter or an
accurate source is to calculate the CF denominator, CFDEN.
This is done by comparing the expected CF pulse output to the
nominal CF output with the default CFDEN = 0x3F and
CFNUM = 0x3F when the base current is applied.
The expected CF output for this meter with the base current
applied is 1.9556 Hz using Equation 30.
CFIB(expected)(Hz) =
Hz
9556
.
1
)
cos(
s/h
3600
V
220
A
10
imp/Wh
200
.
3
=
ϕ
×
×
×
Alternatively, CFexpected can be measured from a reference meter
pulse output.
CFexpected(Hz) = CFref
(38)
The maximum CF frequency measured without any frequency
division and with ac inputs at full scale is 23 kHz. For this
example, the nominal CF with the test current, Ib, applied is
958 Hz. In this example the line voltage and maximum current
scale half of their respective analog input ranges. The line
voltage and maximum current should not be fixed at the
maximum analog inputs to account for occurrences such as
spikes on the line.
CFnominal(Hz) =
MAX
I
I
×
×
×
2
1
2
1
kHz
23
(39)
CFIB(nominal)(Hz) =
Hz
958
60
10
2
1
2
1
kHz
23
=
×
×
×
The nominal CF on a sample set of meters should be measured
using the default CFDEN, CFNUM, and WDIV to ensure that
the best CFDEN is chosen for the design.
With the CFNUM register set to 0, CFDEN is calculated to be
489 for the example meter:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com