Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 33Page - Analog Devices ADE7763_15 Datasheet HTML 34Page - Analog Devices ADE7763_15 Datasheet HTML 35Page - Analog Devices ADE7763_15 Datasheet HTML 36Page - Analog Devices ADE7763_15 Datasheet HTML 37Page - Analog Devices ADE7763_15 Datasheet HTML 38Page - Analog Devices ADE7763_15 Datasheet HTML 39Page - Analog Devices ADE7763_15 Datasheet HTML 40Page - Analog Devices ADE7763_15 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 37 of 56
CFDEN =
1
)
(
)
(
−
expected
IB
nominal
IB
CF
CF
INT
(40)
CFDEN =
489
)
1
490
(
1
9556
.
1
958
=
−
=
−
INT
This value for CFDEN should be loaded into each meter before
calibration. The WGAIN register can then be used to finely
calibrate the CF output. The following sections explain how to
calibrate a meter based on ADE7763 when using a reference
meter or an accurate source.
Calibrating Watt Gain Using a Reference Meter Example
The CFDEN and CFNUM values for the design should be
written to their respective registers before beginning the
calibration steps shown in Figure 71. When using a reference
meter, the percent error in CF is measured by comparing the CF
output of the ADE7763 meter with the pulse output of the
reference meter, using the same test conditions for both meters.
Equation 41 defines the percent error with respect to the pulse
outputs of both meters (using the base current, Ib):
%ERRORCF(IB) =
100
)
(
)
(
×
−
IB
ref
IB
ref
IB
CF
CF
CF
(41)
CALCULATE CFDEN VALUE FOR DESIGN
WRITE CFDEN VALUE TO CFDEN REGISTER
ADDR. 0x15 = CFDEN
WRITE WGAIN VALUE TO THE WGAIN
REGISTER: ADDR. 0x12
MEASURE THE % ERROR BETWEEN
THE CF OUTPUT AND THE
REFERENCE METER OUTPUT
SET ITEST = Ib, VTEST = VNOM, PF = 1
CALCULATE WGAIN. SEE EQUATION 42.
Figure 71. Calibrating Watt Gain Using a Reference Meter
For this example:
Meter Constant:
MeterConstant(imp/Wh) = 3.2
CF Numerator:
CFNUM = 0
CF Denominator:
CFDEN = 489
%ERROR Measured at Base Current:
%ERRORCF(IB) = −3.07%
One LSB change in WGAIN changes the active energy registers
and CF by 0.0244%. WGAIN is a signed, twos complement
register and can correct up to a 50% error. Assuming a −3.07%
error, WGAIN is 126:
WGAIN = INT


−
%
0244
.
0
%
)
(IB
CF
ERROR
(42)
WGAIN = INT
126
%
0244
.
0
%
07
.
3
=
 −
−
When CF is calibrated, the AENERGY register has the same
Wh/LSB constant from meter to meter if the meter constant,
WDIV, and the CFNUM/CFDEN ratio remain the same. The
Wh/LSB ratio for this meter is 6.378 × 10−4 using Equation 35
with WDIV at the default value.
(imp/Wh)
)
1
(
)
1
(
LSB
Wh
ant
MeterConst
WDIV
CFDEN
CFNUM
×
+
+
=
4
10
378
.
6
2
.
3
490
1
imp/Wh
200
.
3
)
1
490
(
1
LSB
Wh
−
×
=
×
=
+
=
Calibrating Watt Gain Using an Accurate Source Example
The CFDEN value calculated using Equation 40 should be
written to the CFDEN register before beginning calibration and
zero should be written to the CFNUM register. Enable the line
accumulation mode and the line accumulation interrupt. Then,
write the number of half line cycles for the energy accumulation
to the LINECYC register to set the accumulation time. Reset the
interrupt status register and wait for the line cycle accumulation
interrupt. The first line cycle accumulation results might not
use the accumulation time set by the LINECYC register and,
therefore, should be discarded. After resetting the interrupt
status register, the following line cycle readings will be valid.
When LINECYC half line cycles have elapsed, the IRQ pin goes
active low and the nominal LAENERGY with the test current
applied can be read. This LAENERGY value is compared to the
expected LAENERGY value to determine the WGAIN value. If
apparent energy gain calibration is performed at the same time,
LVAENERGY can be read directly after LAENERGY. Both
registers should be read before the next interrupt is issued on
the IRQ pin. Figure 72 details steps to calibrate the watt gain
using an accurate source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com