Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 8Page - Analog Devices ADE7763_15 Datasheet HTML 9Page - Analog Devices ADE7763_15 Datasheet HTML 10Page - Analog Devices ADE7763_15 Datasheet HTML 11Page - Analog Devices ADE7763_15 Datasheet HTML 12Page - Analog Devices ADE7763_15 Datasheet HTML 13Page - Analog Devices ADE7763_15 Datasheet HTML 14Page - Analog Devices ADE7763_15 Datasheet HTML 15Page - Analog Devices ADE7763_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 12 of 56
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
45
47
49
51
53
55
57
59
61
63
65
FREQUENCY (Hz)
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
PF = 0.5
PF = 1
Figure 12. Active Energy Error as a Percentage of Reading (Gain = 8)
over Frequency with Internal Reference and Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
PF = 1
PF = 0.5
Figure 13. IRMS Error as a Percentage of Reading (Gain = 8)
with Internal Reference and Integrator Off
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
FULL-SCALE VOLTAGE (%)
1
10
100
GAIN = 1
EXTERNAL REFERENCE
Figure 14. VRMS Error as a Percentage of Reading (Gain = 1)
with External Reference
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
+85°C, PF = 0.5
+25°C, PF = 1
–40°C, PF = 0.5
+25°C, PF = 0.5
Figure 15. Active Energy Error as a Percentage of Reading (Gain = 8)
over Power Factor with Internal Reference and Integrator On
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
+85°C, PF = 1
+25°C, PF = 1
–40°C, PF = 1
Figure 16. Active Energy Error as a Percentage of Reading (Gain = 8)
over Temperature with External Reference and Integrator On
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
45
47
49
51
53
55
57
59
61
63
65
FREQUENCY (Hz)
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
PF = 0.5
PF = 1
Figure 17. Active Energy Error as a Percentage of Reading (Gain = 8)
over Frequency with Internal Reference and Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com