Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 45Page - Analog Devices ADE7763_15 Datasheet HTML 46Page - Analog Devices ADE7763_15 Datasheet HTML 47Page - Analog Devices ADE7763_15 Datasheet HTML 48Page - Analog Devices ADE7763_15 Datasheet HTML 49Page - Analog Devices ADE7763_15 Datasheet HTML 50Page - Analog Devices ADE7763_15 Datasheet HTML 51Page - Analog Devices ADE7763_15 Datasheet HTML 52Page - Analog Devices ADE7763_15 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 49 of 56
Address
Name
R/W
No. Bits
Default
Type1
Description
0x11
APOS
R/W
16
0x0
S
Active Power Offset Correction. This 16-bit register allows small offsets in
the active power calculation to be removed—see the Active Power
Calculation section.
0x12
WGAIN
R/W
12
0x0
S
Power Gain Adjust. This is a 12-bit register. Calibrate the active power
calculation by writing to this register. The calibration range is ±50% of the
nominal full-scale active power. The resolution of the gain adjust is
0.0244%/LSB —see the Calibrating an Energy Meter section.
0x13
WDIV
R/W
8
0x0
U
Active Energy Divider Register. The internal active energy register is
divided by the value of this register before being stored in the AENERGY
register.
0x14
CFNUM
R/W
12
0x3F
U
CF Frequency Divider Numerator Register. Adjust the output frequency
on the CF pin by writing to this 12-bit read/write register—see the
Energy-to-Frequency Conversion section.
0x15
CFDEN
R/W
12
0x3F
U
CF Frequency Divider Denominator Register. Adjust the output frequency
on the CF pin by writing to this 12-bit read/write register—see the
Energy-to-Frequency Conversion section.
0x16
IRMS
R
24
0x0
U
Channel 1 RMS Value (Current Channel).
0x17
VRMS
R
24
0x0
U
Channel 2 RMS Value (Voltage Channel).
0x18
IRMSOS
R/W
12
0x0
S
Channel 1 RMS Offset Correction Register. Note that for correct operation
only positive values should be written to the IRMSOS register.
0x19
VRMSOS
R/W
12
0x0
S
Channel 2 RMS Offset Correction Register.
0x1A
VAGAIN
R/W
12
0x0
S
Apparent Gain Register. Calibrate the apparent power calculation by
writing to this register. The calibration range is 50% of the nominal full-
scale real power. The resolution of the gain adjust is 0.02444%/LSB.
0x1B
VADIV
R/W
8
0x0
U
Apparent Energy Divider Register. The internal apparent energy register
is divided by the value of this register before being stored in the
VAENERGY register.
0x1C
LINECYC
R/W
16
0xFFFF
U
Line Cycle Energy Accumulation Mode Line-Cycle Register. This 16-bit
register is used during line cycle energy accumulation mode to set the
number of half line cycles for energy accumulation—see the Line Cycle
Energy Accumulation Mode section.
0x1D
ZXTOUT
R/W
12
0xFFF
U
Zero-Crossing Timeout. If no zero crossings are detected on Channel 2
within the time specified in this 12-bit register, the interrupt request line
(IRQ) will be activated—see the Zero-Crossing Detection section.
0x1E
SAGCYC
R/W
8
0xFF
U
Sag Line Cycle Register. This 8-bit register specifies the number of
consecutive line cycles below SAGLVL that is required on Channel 2
before the SAG output is activated—see the Line Voltage Sag Detection
section.
0x1F
SAGLVL
R/W
8
0x0
U
Sag Voltage Level. An 8-bit write to this register determines at what peak
signal level on Channel 2 the SAG pin becomes active. The signal must
remain low for the number of cycles specified in the SAGCYC register
before the SAG pin is activated—see the Line Voltage Sag Detection
section.
0x20
IPKLVL
R/W
8
0xFF
U
Channel 1 Peak Level Threshold (Current Channel). This register sets the
level of current peak detection. If the Channel 1 input exceeds this level,
the PKI flag in the status register is set.
0x21
VPKLVL
R/W
8
0xFF
U
Channel 2 Peak Level Threshold (Voltage Channel). This register sets the
level of voltage peak detection. If the Channel 2 input exceeds this level,
the PKV flag in the status register is set.
0x22
IPEAK
R
24
0x0
U
Channel 1 Peak Register. The maximum input value of the current
channel, since the last read of the register is stored in this register.
0x23
RSTIPEAK
R
24
0x0
U
Same as Channel 1 peak register, except that the register contents are
reset to 0 after a read.
0x24
VPEAK
R
24
0x0
U
Channel 2 Peak Register. The maximum input value of the voltage
channel, since the last read of the register is stored in this register.
0x25
RSTVPEAK
R
24
0x0
U
Same as Channel 2 peak register, except that the register contents are
reset to 0 after a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com