Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 11Page - Analog Devices ADE7763_15 Datasheet HTML 12Page - Analog Devices ADE7763_15 Datasheet HTML 13Page - Analog Devices ADE7763_15 Datasheet HTML 14Page - Analog Devices ADE7763_15 Datasheet HTML 15Page - Analog Devices ADE7763_15 Datasheet HTML 16Page - Analog Devices ADE7763_15 Datasheet HTML 17Page - Analog Devices ADE7763_15 Datasheet HTML 18Page - Analog Devices ADE7763_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 15 of 56
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
FREQUENCY (RAD/S)
IOS  V
VOS  I
VOS  IOS
V
 I
2
0
2
Figure 25. Effect of Channel Offsets on the Real Power Calculation
The contents of the offset correction registers are 6-bit, sign and
magnitude coded. The weight of the LSB depends on the gain
setting, i.e., 1, 2, 4, 8, or 16. Table 6 shows the correctable offset
span for each of the gain settings and the LSB weight (mV) for
the offset correction registers. The maximum value that can be
written to the offset correction registers is ±31d—see Figure 26.
Figure 26 shows the relationship between the offset correction
register contents and the offset (mV) on the analog inputs for a
gain of 1. To perform an offset adjustment, connect the analog
inputs to AGND; there should be no signal on either Channel 1
or Channel 2. A read from Channel 1 or Channel 2 using the
waveform register indicates the offset in the channel. This offset
can be canceled by writing an equal and opposite offset value to
the Channel 1 offset register, or an equal value to the Channel 2
offset register. The offset correction can be confirmed by
performing another read. Note that when adjusting the offset of
Channel 1, the digital integrator and the HPF should be
disabled.
Table 6. Offset Correction Range—Channels 1 and 2
Gain
Correctable Span
LSB Size
1
±50 mV
1.61 mV/LSB
2
±37 mV
1.19 mV/LSB
4
±30 mV
0.97 mV/LSB
8
±26 mV
0.84 mV/LSB
16
±24 mV
0.77 mV/LSB
CH1OS[5:0]
SIGN + 5 BITS
+50mV
OFFSET
ADJUST
0x3F
0x00
0x1F
–50mV
0mV
SIGN + 5 BITS
01,1111b
11,1111b
Figure 26. Channel 1 Offset Correction Range (Gain = 1)
The current and voltage rms offsets can be adjusted with the
IRMSOS and VRMSOS registers—see the Channel 1 RMS Offset
Compensation and Channel 2 RMS Offset Compensation
sections.
di/dt CURRENT SENSOR AND
DIGITAL INTEGRATOR
A di/dt sensor detects changes in magnetic field caused by ac
current. Figure 27 shows the principle of a di/dt current sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 27. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. Changes
in the magnetic flux density passing through a conductor loop
generate an electromotive force (EMF) between the two ends of
the loop. The EMF is a voltage signal that is proportional to the
di/dt of the current. The voltage output from the di/dt current
sensor is determined by the mutual inductance between the
current-carrying conductor and the di/dt sensor. The current
signal must be recovered from the di/dt signal before it can be
used. An integrator is therefore necessary to restore the signal to
its original form. The ADE7763 has a built-in digital integrator
to recover the current signal from the di/dt sensor. The digital
integrator on Channel 1 is switched off by default when the
ADE7763 is powered up. Setting the MSB of CH1OS register
turns on the integrator. Figure 28, Figure 29, Figure 30, and
Figure 31 show the magnitude and phase response of the digital
integrator.
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
102
103
Figure 28. Combined Gain Response of the
Digital Integrator and Phase Compensator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com