Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 21Page - Analog Devices ADE7763_15 Datasheet HTML 22Page - Analog Devices ADE7763_15 Datasheet HTML 23Page - Analog Devices ADE7763_15 Datasheet HTML 24Page - Analog Devices ADE7763_15 Datasheet HTML 25Page - Analog Devices ADE7763_15 Datasheet HTML 26Page - Analog Devices ADE7763_15 Datasheet HTML 27Page - Analog Devices ADE7763_15 Datasheet HTML 28Page - Analog Devices ADE7763_15 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 25 of 56
Figure 51. Figure 52 shows the magnitude response of the filter.
As seen from the plots, the phase response is almost 0 from
45 Hz to 1 kHz, which is all that is required in typical energy
measurement applications. However, despite being internally
phase-compensated, the ADE7763 must work with transducers,
which could have inherent phase errors. For example, a phase
error of 0.1° to 0.3° is not uncommon for a current transformer
(CT). Phase errors can vary from part to part and must be
corrected in order to perform accurate power calculations. The
errors associated with phase mismatch are particularly
noticeable at low power factors. The ADE7763 provides a
means of digitally calibrating these small phase errors by
allowing a short time delay or time advance to be introduced
into the signal processing chain to compensate for these errors.
Because the compensation is in time, this technique should only
be used for small phase errors in the range of 0.1° to 0.5°.
Correcting large phase errors using a time shift technique can
introduce significant phase errors at higher harmonics.
The phase calibration register (PHCAL[5:0]) is a twos comple-
ment, signed, single-byte register that has values ranging from
0x21 (–31d) to 0x1F (+31d).
The register is centered at 0Dh, so that writing 0Dh to the register
produces 0 delay. By changing the PHCAL register, the time
delay in the Channel 2 signal path can change from –102.12 µs
to +39.96 µs (CLKIN = 3.579545 MHz). One LSB is equivalent
to 2.22 µs (CLKIN/8) time delay or advance. A line frequency of
60 Hz gives a phase resolution of 0.048° at the fundamental (i.e.,
360° × 2.22 µs × 60 Hz). Figure 49 illustrates how the phase
compensation is used to remove a 0.1° phase lead in Channel 1
due to the external transducer. To cancel the lead (0.1°) in
Channel 1, a phase lead must also be introduced into Channel 2.
The resolution of the phase adjustment allows the introduction
of a phase lead in increments of 0.048°. The phase lead is
achieved by introducing a time advance in Channel 2. A time
advance of 4.44 µs is made by writing −2 (0x0B) to the time delay
block, thus reducing the amount of time delay by 4.44 µs, or
equivalently, a phase lead of approximately 0.1° at line frequency
of 60 Hz. 0x0B represents –2 because the register is centered
with 0 at 0Dh.
1
1
0
1
0
0
1
5
0
PGA1
V1P
V1N
V1
ADC 1
HPF
24
PGA2
V2P
V2N
V2
ADC 2
DELAY BLOCK
2.22
µs/LSB
24
LPF2
V2
V1
60Hz
0.1°
V1
V2
CHANNEL 2 DELAY
REDUCED BY 4.44
µs
(0.1°LEAD AT 60Hz)
0x0B IN PHCAL [5.0]
PHCAL[5:0]
–102.12
µs TO +39.96µs
60Hz
Figure 49. Phase Calibration
FREQUENCY (Hz)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
102
103
104
Figure 50. Combined Phase Response of HPF and
Phase Compensation (10 Hz to 1 kHz)
FREQUENCY (Hz)
0.20
40
0.18
0.16
0.14
0.12
0.10
0.08
0
0.02
0.04
0.06
45
50
55
60
65
70
Figure 51. Combined Phase Response of HPF and
Phase Compensation (40 Hz to 70 Hz)
FREQUENCY (Hz)
0.4
54
56
58
60
62
64
66
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
Figure 52. Combined Gain Response of HPF and Phase Compensation
ACTIVE POWER CALCULATION
Power is defined as the rate of energy flow from the source to
the load. It is defined as the product of the voltage and current
waveforms. The resulting waveform is called the instantaneous
power signal and is equal to the rate of energy flow at any given
time. The unit of power is the watt or joules/s. Equation 9 gives
an expression for the instantaneous power signal in an ac system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com