Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 9Page - Analog Devices ADE7763_15 Datasheet HTML 10Page - Analog Devices ADE7763_15 Datasheet HTML 11Page - Analog Devices ADE7763_15 Datasheet HTML 12Page - Analog Devices ADE7763_15 Datasheet HTML 13Page - Analog Devices ADE7763_15 Datasheet HTML 14Page - Analog Devices ADE7763_15 Datasheet HTML 15Page - Analog Devices ADE7763_15 Datasheet HTML 16Page - Analog Devices ADE7763_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 13 of 56
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
5.25V
5.00V
4.75V
Figure 18. Active Energy Error as a Percentage of Reading (Gain = 8)
over Power Supply with Internal Reference and Integrator On
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
PF = 0.5
PF = 1
Figure 19. IRMS Error as a Percentage of Reading (Gain = 8)
with Internal Reference and Integrator On
0
2
4
6
8
10
12
14
16
–15
–10
–5
0
5
10
15
20
CH1 OFFSET (0p5V_1X) (mV)
Figure 20. Channel 1 Offset (Gain = 1)
VDD
10
F
10
F
10
F
100nF
100nF
AVDD DVDD RESET
DIN
DOUT
SCLK
CS
CLKOUT
CLKIN
IRQ
SAG
ZX
CF
AGND DGND
V1P
V1N
V2N
V2P
REFIN/OUT
U1
ADE7763
TO SPI BUS
(USED ONLY FOR
CALIBRATION)
22pF
22pF
Y1
3.58MHz
NOT CONNECTED
U3
PS2501-1
I
di/dt CURRENT
SENSOR
100
1k
33nF
33nF
100
1k
33nF
33nF
1k
 33nF
600k
110V
1k
33nF
100nF
CHANNEL 1 GAIN = 8
CHANNEL 2 GAIN = 1
TO
FREQUENCY
COUNTER
Figure 21. Test Circuit for Performance Curves with Integrator On
CT TURN RATIO = 1800:1
CHANNEL 2 GAIN = 1
RB
10
1.21
GAIN 1 (CH1)
1
8
NOT CONNECTED
VDD
10
F10F
100nF
100nF
DIN
DOUT
SCLK
CS
CLKOUT
CLKIN
IRQ
SAG
ZX
CF
AGND DGND
V1P
V1N
V2N
V2P
REFIN/OUT
U1
ADE7763
TO SPI BUS
(USED ONLY FOR
CALIBRATION)
22pF
22pF
Y1
3.58MHz
U3
PS2501-1
I
CURRENT
TRANSFORMER
1k
33nF
1k
33nF
1k
 33nF
600k
RB
110V
1k
33nF
10
F
100nF
TO
FREQUENCY
COUNTER
AVDD DVDD RESET
Figure 22. Test Circuit for Performance Curves with Integrator Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com