Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 48Page - Analog Devices ADE7763_15 Datasheet HTML 49Page - Analog Devices ADE7763_15 Datasheet HTML 50Page - Analog Devices ADE7763_15 Datasheet HTML 51Page - Analog Devices ADE7763_15 Datasheet HTML 52Page - Analog Devices ADE7763_15 Datasheet HTML 53Page - Analog Devices ADE7763_15 Datasheet HTML 54Page - Analog Devices ADE7763_15 Datasheet HTML 55Page - Analog Devices ADE7763_15 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 53 of 56
INTERRUPT STATUS REGISTER (0x0B),
RESET INTERRUPT STATUS REGISTER (0x0C),
INTERRUPT ENABLE REGISTER (0x0A)
The status register is used by the MCU to determine the source of an interrupt request (IRQ). When an interrupt event occurs, the
corresponding flag in the interrupt status register is set to logic high. If the enable bit for this flag is Logic 1 in the interrupt enable register,
the IRQ logic output will go active low. When the MCU services the interrupt, it must first carry out a read from the interrupt status
register to determine the source of the interrupt.
Table 12.
Bit
Location
Interrupt
Flag
Description
0
AEHF
Indicates that an interrupt occurred because the active energy register, AENERGY, is more than half full.
1
SAG
Indicates that an interrupt was caused by a sag on the line voltage.
2
CYCEND
Indicates the end of energy accumulation over an integral number of half line cycles, as defined by the content
of the LINECYC register—see the Line Cycle Energy Accumulation Mode section.
3
WSMP
Indicates that new data is present in the waveform register.
4
ZX
This status bit is set to 1 on the rising and falling edge of the voltage waveform, see the Zero-Crossing
Detection section.
5
TEMP
Indicates that a temperature conversion result is available in the temperature register.
6
RESET
Indicates the end of a reset for software and hardware resets. The corresponding enable bit has no function in
the interrupt enable register, i.e., this status bit is set at the end of a reset, but cannot be enabled to cause an
interrupt.
7
AEOF
Indicates that the active energy register has overflowed.
8
PKV
Indicates that the waveform sample from Channel 2 has exceeded the VPKLVL value.
9
PKI
Indicates that the waveform sample from Channel 1 has exceeded the IPKLVL value.
10
VAEHF
Indicates that an interrupt occurred because the apparent energy register, VAENERGY, is more than half full.
11
VAEOF
Indicates that the apparent energy register has overflowed.
12
ZXTO
Indicates that an interrupt was caused by a missing zero crossing on the line voltage for a specified number of
line cycles—see the Zero-Crossing Timeout section.
13
PPOS
Indicates that the power has gone from negative to positive.
14
PNEG
Indicates that the power has gone from positive to negative.
15
RESERVED
Reserved.
VAEHF
(VAENERGY IS HALF FULL)
PPOS
(POWER NEGATIVE TO POSITIVE)
RESERVED
PNEG
(POWER POSITIVE TO NEGATIVE)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8
9
7
4
5
6
2
3
0
1
15 14 13 12 11 10
AEHF
(ACTIVE ENERGY HALF FULL)
SAG
(SAG ONLINE VOLTAGE)
CYCEND
(END OF LINECYC HALF LINE CYCLES)
WSMP
(WAVEFORM SAMPLES DATA READY)
ZX
(ZERO CROSSING)
TEMP
(TEMPERATURE DATA READY)
RESET
(END OF SOFTWARE/HARDWARE RESET)
AEOF
(ACTIVE ENERGY REGISTER OVERFLOW)
ZXTO
(ZERO-CROSSING TIMEOUT)
VAEOF
(VAENERGY OVERFLOW)
PKI
(CHANNEL 1 SAMPLE ABOVE IPKLVL)
PKV
(CHANNEL 2 SAMPLE ABOVE VPKLVL)
ADDR: 0x0A, 0x0B, 0x0C
Figure 87. Interrupt Status/Interrupt Enable Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com