Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 23Page - Analog Devices ADE7763_15 Datasheet HTML 24Page - Analog Devices ADE7763_15 Datasheet HTML 25Page - Analog Devices ADE7763_15 Datasheet HTML 26Page - Analog Devices ADE7763_15 Datasheet HTML 27Page - Analog Devices ADE7763_15 Datasheet HTML 28Page - Analog Devices ADE7763_15 Datasheet HTML 29Page - Analog Devices ADE7763_15 Datasheet HTML 30Page - Analog Devices ADE7763_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 27 of 56
APOS[15:0]
WGAIN[11:0]
WDIV[7:0]
LPF2
CURRENT
CHANNEL
VOLTAGE
CHANNEL
TIME (nT)
4
CLKIN
T
ACTIVE POWER
SIGNAL
+
+
AENERGY[23:0]
OUTPUTS FROM THE LPF2 ARE
ACCUMULATED (INTEGRATED) IN
THE INTERNAL ACTIVE ENERGY REGISTER
UPPER 24 BITS ARE
ACCESSIBLE THROUGH
AENERGY[23:0] REGISTER
23
0
48
0
WAVEFORM
REGISTER
VALUES
%
Figure 55. Active Energy Calculation
Figure 55 shows the signal processing chain for the active power
calculation. The active power is calculated by low-pass filtering
the instantaneous power signal. Note that when reading the
waveform samples from the output of LPF2, the gain of the
active energy can be adjusted by using the multiplier and watt
gain register (WGAIN[11:0]). The gain is adjusted by writing a
twos complement 12-bit word to the watt gain register.
Equation 11 shows how the gain adjustment is related to the
contents of the watt gain register:


 
12
2
1
WGAIN
Power
Active
WGAIN
Output
(11)
For example, when 0x7FF is written to the watt gain register, the
power output is scaled up by 50%. 0x7FF = 2047d, 2047/212 = 0.5.
Similarly, 0x800 = –2048d (signed twos complement) and
power output is scaled by –50%. Each LSB scales the power
output by 0.0244%. Figure 56 shows the maximum code
(hexadecimal) output range for the active power signal (LPF2).
Note that the output range changes depending on the contents
of the watt gain register. The minimum output range is given
when the watt gain register contents are equal to 0x800, and the
maximum range is given by writing 0x7FF to the watt gain
register. This can be used to calibrate the active power (or
energy) calculation.
0x1 3333
0xCCCD
0x6666
0xF 999A
0xF 3333
0xE CCCD
0x0 0000
POSITIVE
POWER
NEGATIVE
POWER
0x000
0x7FF
0x800
{WGAIN[11:0]}
ACTIVE POWER
CALIBRATION RANGE
Figure 56. Active Power Calculation Output Range
ENERGY CALCULATION
As stated earlier, power is defined as the rate of energy flow.
This relationship is expressed mathematically in Equation 12.
dt
dE
P
(12)
where:
P is power.
E is energy.
Conversely, energy is given as the integral of power.
 Pdt
E
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com