Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 20Page - Analog Devices ADE7763_15 Datasheet HTML 21Page - Analog Devices ADE7763_15 Datasheet HTML 22Page - Analog Devices ADE7763_15 Datasheet HTML 23Page - Analog Devices ADE7763_15 Datasheet HTML 24Page - Analog Devices ADE7763_15 Datasheet HTML 25Page - Analog Devices ADE7763_15 Datasheet HTML 26Page - Analog Devices ADE7763_15 Datasheet HTML 27Page - Analog Devices ADE7763_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 24 of 56
V1
ADC 2
0V
ANALOG
INPUT RANGE
0.5V, 0.25V, 0.125V,
62.5mV, 31.25mV
REFERENCE
LPF1
ACTIVE AND REACTIVE
ENERGY CALCULATION
VRMS CALCULATION
AND WAVEFORM
SAMPLING
(PEAK/SAG/ZX)
PGA2
×1, ×2, ×4,
×8, ×16
{GAIN[7:5]}
V2P
V2N
V2
2.42V
0x2852
0x2581
0xDAE8
0xD7AE
0x0000
LPF OUTPUT
WORD RANGE
Figure 47. ADC and Signal Processing in Channel 2
VRMS[23:0]
LPF3
LPF1
CHANNEL 2
|x|
0x17D338
0x00
+
+
VRMOS[11:0]
VOLTAGE SIGNAL (V(t))
29
sgn
28
22 21 20
0x2518
0x0
0xDAE8
Figure 48. Channel 2 RMS Signal Processing
Channel 2 has only one analog input range (0.5 V differential).
Like Channel 1, Channel 2 has a PGA with gain selections of 1,
2, 4, 8, and 16. For energy measurement, the output of the ADC
is passed directly to the multiplier and is not filtered. An HPF is
not required to remove any dc offset; it is only required that the
offset is removed from one channel to eliminate errors caused
by offsets in the power calculation. In waveform sampling mode,
one of four output sample rates can be chosen by using Bits 11
and 12 of the mode register. The available output sample rates
are 27.9 kSPS, 14 kSPS, 7 kSPS, or 3.5 kSPS—see the Mode
Register (0X09) section. The interrupt request output IRQ
indicates that a sample is available by going active low. The
timing is the same as that for Channel 1, as shown in Figure 44.
Channel 2 RMS Calculation
Figure 48 shows the details of the signal processing chain for the
rms estimation on Channel 2. This Channel 2 rms estimation is
done in the ADE7763 using the mean absolute value calculation,
as shown in Figure 48.The Channel 2 rms value is processed
from the samples used in the Channel 2 waveform sampling
mode. The rms value is slightly attenuated due to LPF1. The
Channel 2 rms value is stored in the unsigned, 24-bit VRMS
register. The update rate of the Channel 2 rms measurement is
CLKIN/4. The Channel 2 rms measurement has a settling time
of approximately 670 ms.
With the specified full-scale ac analog input signal of 0.5 V, the
output from LPF1 swings between 0x2518 and 0xDAE8 at
60 Hz—see the Channel 2 ADC section. The equivalent rms
value of this full-scale ac signal is approximately 1,561,400
(0x17 D338) in the VRMS register. The voltage rms measure-
ment provided in the ADE7763 is accurate to within ±0.5% for
signal input between full scale and full scale/20. The conversion
from the register value to volts must be done externally in the
microprocessor using a volts/LSB constant. Because the low-pass
filter used for calculating the rms value is imperfect, there is some
ripple noise from 2ω term present in the rms measurement. To
minimize the effect of noise in the reading, synchronize the rms
reading with the zero crossings of the voltage input.
Channel 2 RMS Offset Compensation
The ADE7763 incorporates a Channel 2 rms offset
compensation register (VRMSOS). This is a 12-bit, signed
register that can be used to remove offset in the Channel 2 rms
calculation. An offset could exist in the rms calculation due to
input noises and dc offset in the input samples. One LSB of the
Channel 2 rms offset is equivalent to 1 LSB of the rms register.
Assuming that the maximum value of the Channel 2 rms
calculation is 1,561,400d with full-scale ac inputs, then 1 LSB of
the Channel 2 rms offset represents 0.064% of measurement
error at –60 dB down of full scale.
VRMS = VRMS0 + VRMSOS
(6)
where VRMS0 is the rms measurement without offset
correction.
The voltage rms offset compensation should be done by testing
the rms results at two nonzero input levels. One measurement
can be done close to full scale and the other at approximately
full scale/10. The voltage offset compensation can be derived
from these measurements. If the voltage rms offset register does
not have enough range, the CH2OS register can also be used.
PHASE COMPENSATION
When the HPF is disabled, the phase error between Channel 1
and Channel 2 is 0 from dc to 3.5 kHz. When HPF is enabled,
Channel 1 has the phase response illustrated in Figure 50 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com