Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 47Page - Analog Devices ADE7763_15 Datasheet HTML 48Page - Analog Devices ADE7763_15 Datasheet HTML 49Page - Analog Devices ADE7763_15 Datasheet HTML 50Page - Analog Devices ADE7763_15 Datasheet HTML 51Page - Analog Devices ADE7763_15 Datasheet HTML 52Page - Analog Devices ADE7763_15 Datasheet HTML 53Page - Analog Devices ADE7763_15 Datasheet HTML 54Page - Analog Devices ADE7763_15 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 51 of 56
REGISTER DESCRIPTIONS
All ADE7763 functionality is accessed via on-chip registers. Each register is accessed by first writing to the communication register and
then transferring the register data. A full description of the serial interface protocol is given in the Serial Interface section.
COMMUNICATION REGISTER
The communication register is an 8-bit, write-only register that controls the serial data transfer between the ADE7763 and the host
processor. All data transfer operations must begin with a write to the communication register. The data written to the communication
register determines whether the next operation is a read or a write and which register is being accessed. Table 10 outlines the bit
designations for the communication register.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W/R
0
A5
A4
A3
A2
A1
A0
Table 10. Communication Register
Bit
Location
Bit
Mnemonic
Description
0 to 5
A0 to A5
The 6 LSBs of the communication register specify the register for the data transfer operation. Table 9 lists the
address of each on-chip register.
6
RESERVED
This bit is unused and should be set to 0.
7
W/R
When this bit is a Logic 1, the data transfer operation immediately following the write to the communication
register is interpreted as a write to the ADE7763. When this bit is a Logic 0, the data transfer operation
immediately following the write to the communication register is interpreted as a read operation.
MODE REGISTER (0x09)
The ADE7763 functionality is configured by writing to the mode register. Table 11 describes the functionality of each bit
in the register.
Table 11.
Bit
Location
Bit
Mnemonic
Default
Value
Description
0
DISHPF
0
HPF (high-pass filter) in Channel 1 is disabled when this bit is set.
1
DISLPF2
0
LPF (low-pass filter) after the multiplier (LPF2) is disabled when this bit is set.
2
DISCF
1
Frequency output CF is disabled when this bit is set.
3
DISSAG
1
Line voltage sag detection is disabled when this bit is set.
4
ASUSPEND
0
By setting this bit to Logic 1, both A/D converters can be turned off. During normal operation, this
bit should be left at Logic 0. All digital functionality can be stopped by suspending the clock
signal at CLKIN pin.
5
TEMPSEL
0
Temperature conversion starts when this bit is set to 1. This bit is automatically reset to 0 after the
temperature conversion.
6
SWRST
0
Software Chip Reset. A data transfer should not take place to the ADE7763 for at least 18 µs after a
software reset.
7
CYCMODE
0
Setting this bit to Logic 1 places the chip in line cycle energy accumulation mode.
8
DISCH1
0
ADC 1 (Channel 1) inputs are internally shorted together.
9
DISCH2
0
ADC 2 (Channel 2) inputs are internally shorted together.
10
SWAP
0
By setting this bit to Logic 1, the analog inputs V2P and V2N are connected to ADC 1 and the
analog inputs V1P and V1N are connected to ADC 2.
12, 11
DTRT1, 0
00
Use these bits to select the waveform register update rate.
DTRT1
DTRT0
Update Rate
0
0
27.9 kSPS (CLKIN/128)
0
1
14 kSPS (CLKIN/256)
1
0
7 kSPS (CLKIN/512)
1
1
3.5 kSPS (CLKIN/1024)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com