Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 9Page - STMicroelectronics AN4070 Datasheet HTML 10Page - STMicroelectronics AN4070 Datasheet HTML 11Page - STMicroelectronics AN4070 Datasheet HTML 12Page - STMicroelectronics AN4070 Datasheet HTML 13Page - STMicroelectronics AN4070 Datasheet HTML 14Page - STMicroelectronics AN4070 Datasheet HTML 15Page - STMicroelectronics AN4070 Datasheet HTML 16Page - STMicroelectronics AN4070 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
AN4070
DC-DC converter design
Doc ID 022934 Rev 1
13/53
16. Calculation of diodes breakdown voltage:
Equation 16
17. Calculation of input capacitor RMS current:
Equation 17
18. MOSFET selection and losses calculations:
Equation 18
19. Diode selection and losses calculations:
Equation 19
Table 3.
DC-DC converter MOSFET main characteristics
Device
Type
RDS(on)
Tswoff
Vbr
Id@ 100 °C
Qg
STH180N100F3
MOSFET
4.5 m
Ω
106.8 ns
100 V
120 A
114.6 nC
Table 4.
DC-DC converter rectifier diodes main characteristics.
Device
Type
Vf@12 A
Trr
Vbr
Id @100 °C
IRM (typ.)
STTH12R06
Ultrafast soft
recovery
1.4 V
25 ns
600 V
12 A
7 A
V
V
V
out
diode
brdw
516
430
2
.
1
2
.
1
max
=
=
=
Ω
=
=
Δ
Δ
=
=
Δ
=
=
Δ
Δ
=
96
.
2
675
.
0
2
%
10
6
.
9
2
35000
675
.
0
35000
max
min
c
c
C
in
c
c
c
in
i
V
ESR
V
V
uF
V
i
C
in
()
W
P
P
P
P
W
f
Q
V
P
W
I
R
P
W
T
t
I
V
P
drv
cond
sw
tot
mos
s
g
gs
drv
rms
dson
cond
s
off
sw
rain
d
ds
sw
56
.
3
2
2
2
06
.
0
35000
10
6
.
114
15
53
.
0
6
.
8
0045
.
0
6
.
1
6
.
1
19
.
1
10
57
.
28
2
)
10
8
.
106
(
2
86
.
12
2
.
99
2
max
max
9
2
2
max
6
9
max
max
max
=
+
+
=
=
=
=
=
=
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com