Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 38Page - STMicroelectronics AN4070 Datasheet HTML 39Page - STMicroelectronics AN4070 Datasheet HTML 40Page - STMicroelectronics AN4070 Datasheet HTML 41Page - STMicroelectronics AN4070 Datasheet HTML 42Page - STMicroelectronics AN4070 Datasheet HTML 43Page - STMicroelectronics AN4070 Datasheet HTML 44Page - STMicroelectronics AN4070 Datasheet HTML 45Page - STMicroelectronics AN4070 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Magnetic components datasheets
AN4070
42/53
Doc ID 022934 Rev 1
Appendix A
Magnetic components datasheets
Figure 33.
DC-DC boost converter inductors (part1)
AM12160v1
STP 04
Product Technical Specification
Code :
06103
Product: Inductor 600uH 4A
Class Code:
2162.0003
Customer: STMICROELECTRONICS
Customer Code:
Date : 24.11.2010
Revision: 0
Page 1 of 2
MOR&D0014-00
Rev.00
02/09/08
MAGNETICA
TYPICAL APPLICATION
INDUCTOR FOR BUCK, BOOST AND BUCK-BOOST DC/DC
CONVERTER
, SUITABLE ALSO IN HALF-BRIDGE, PUSH-
PULL AND FULL
-BRIDGE APPLICATIONS
TECHNICAL DATA
INDUCTANCE
600 uH
±15%
(MEASURE 1KHZ, TA 20°C)
RESISTANCE
81 m
Ω MAX
(MEASURE DC, TA 20°C)
OPERATING CURRENT
4 A MAX
(MEASURE DC , TA 20°C)
SATURATION CURRENT
6.5 A MAX
(MEASURE DC, L
≥ 50%NOM, TA 20°C)
RESONANCE FREQUENCY
637 KHZ NOM
(TA 20°C)
OPERATING TEMPERATURE RANGE
-10°C
÷+65°C
(IR 4A MAX)
THERMAL CLASS
B
MAXIMUM DIMENSIONS
35 X33 H 33 mm
WEIGHT
90 g APPROX
CIRCUIT DIAGRAM
INDUCTANCE VS CURRENT
INDUCTANCE VS FREQUENCY
PIN DESCRIPTION
PIN
(*)
FUNCTION
PIN
(*)
FUNCTION
1
NOT CONNECTED
7
NOT CONNECTED
2
8B
TO DRAIN MOSFET
3
9B
4A
TO
VINPUT
10
NOT CONNECTED
5A
11
6
NOT PRESENT
12
(*)PIN WITH THE SAME SUBSCRIPT MUST BE CONNECTED TOGETHER ON PCB
4-5
8-9
100%
L
10%
0
2
4
6
8
I[A]
250%
200%
150%
50%
100%
0%
0%
100%
200%
300%
400%
500%
f[kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com