Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 33Page - STMicroelectronics AN4070 Datasheet HTML 34Page - STMicroelectronics AN4070 Datasheet HTML 35Page - STMicroelectronics AN4070 Datasheet HTML 36Page - STMicroelectronics AN4070 Datasheet HTML 37Page - STMicroelectronics AN4070 Datasheet HTML 38Page - STMicroelectronics AN4070 Datasheet HTML 39Page - STMicroelectronics AN4070 Datasheet HTML 40Page - STMicroelectronics AN4070 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
AN4070
Experimental test results
Doc ID 022934 Rev 1
37/53
Figure 25.
DC-DC converter rectifier diode waveforms
Figure 26.
Inverter modulating signals
As already mentioned, the DC-AC converter has a hybrid modulation allowing one leg to
switch at 17.4 kHz and one leg to switch at grid frequency. The image in Figure 25 is a
scope capture of the two modulating signals generated by the microcontroller and sent to
the input pin of the L6390 driver. This device is then used to generate the two
complementary signals controlling the gate of each STB11N65M5 MOSFET in the bridge.
The resulting output voltage and current waveforms are shown in Figure 27 where the
purple track is the voltage between the mid points of each leg, the blue track is the system
output voltage on the filter output and the green track is the system output current.
The efficiency of the system has been measured connecting the microinverter to a resistive
load and adapting the ohmic value of the electrical load to the desired output power level.
The open loop mode of operation allows the operating point of both the DC-DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com