Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 25Page - STMicroelectronics AN4070 Datasheet HTML 26Page - STMicroelectronics AN4070 Datasheet HTML 27Page - STMicroelectronics AN4070 Datasheet HTML 28Page - STMicroelectronics AN4070 Datasheet HTML 29Page - STMicroelectronics AN4070 Datasheet HTML 30Page - STMicroelectronics AN4070 Datasheet HTML 31Page - STMicroelectronics AN4070 Datasheet HTML 32Page - STMicroelectronics AN4070 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
AN4070
STM32F103xx based current control for inverter grid connection
Doc ID 022934 Rev 1
29/53
4
STM32F103xx based current control for inverter grid
connection
The current control method is based on a d-q synchronous reference frame which provides
both the advantage of zero steady-state error, thanks to the use of PI controllers, and simple
implementation. This method has been implemented on a 32-bit, ARM based
microcontroller (STM32F103xx) and its performance was verified through simulations and
experimental results.
A block diagram showing the five feedback signals processed by the microcontroller for the
correct operation of the control algorithm is shown in Figure 18.
Figure 19.
Block diagram of the implemented control
Every algorithm for grid-connected inverter operation is based on the estimation or direct
measurement of grid voltage frequency and phase angle. The detection method used in this
implementation for a single-phase inverter is based on a synchronous reference frame PLL.
Single-phase inverters require a virtual bi-phase system. In fact, to create a rotating d-q
reference, starting from a stationary frame, at least two independent phases are required.
This problem is overcome with the creation of a virtual voltage, Vβ, phase shifted with
respect to the real grid voltage, Vα, of 90 degrees. This is done via firmware. Knowing the
two voltage components Vβ and Vα, the transformation from the stationary reference frame
to the d-q rotating frame is given by the following equations:
Equation 39
where
θ is the angle between the d-q reference frame and the stationary reference frame
(Figure 27). The reverse transformation is given by:
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⎥
⎦
⎤
⎢
⎣
⎡
θ
θ
−
θ
θ
=
⎥
⎦
⎤
⎢
⎣
⎡
α
β
V
V
cos
sin
sin
cos
V
V
q
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com