Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 41Page - STMicroelectronics AN4070 Datasheet HTML 42Page - STMicroelectronics AN4070 Datasheet HTML 43Page - STMicroelectronics AN4070 Datasheet HTML 44Page - STMicroelectronics AN4070 Datasheet HTML 45Page - STMicroelectronics AN4070 Datasheet HTML 46Page - STMicroelectronics AN4070 Datasheet HTML 47Page - STMicroelectronics AN4070 Datasheet HTML 48Page - STMicroelectronics AN4070 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
AN4070
Magnetic components datasheets
Doc ID 022934 Rev 1
45/53
Figure 36.
DC-DC converter HF transformer (part 1)
AM12183v1
STP 22
Product Technical Specification
Code:
06100
Product: Switch Mode Transformer 250W 50kHz 1.9mH 200V
Class Code:
2159.0003
Customer: STMICROELECTRONICS
Customer code:
Date : 12/01/11
Revision: 01
Page 1 of 2
MOR&D0014-00
Rev.00
02/09/08
MAGNETICA
TYPICAL APPLICATION
TRANSFORMER FOR HALF BRIDGE
, PUSH-PULL AND
FULL BRIDGE POWER SUPPLIES
TECHNICAL DATA
INDUCTANCE
(MEASURE 1KHZ, TA 20°C)
PIN
4,5,6-1,2,3
1.33 mH MIN
PIN
12-10
2.4 mH MIN
PIN
9-7
2.4 mH MIN
RESISTANCE
(MEASURE D.C, TA 20°C)
PIN
4,5,6-1,2,3
25 m
Ω MAX
PIN
12-10
68 m
Ω MAX
PIN
9-7
83 m
Ω MAX
TRANSFORMER RATIO
(MEASURE 10KHZ, TA 20°C)
PIN
12-10
⇔ 4,5,6-1,2,3
1.33
± 3%
PIN
9-7
⇔ 4,5,6-1,2,3
1.33
± 3%
LEAKAGE INDUCTANCE
0.41 uH NOM
(MEASURE 4,5,6-1,2,3 AND 7-9-10-12 IN S.C, F 10KHZ, TA 20°C)
PARASITIC CAPACITANCE
13 pF NOM
(MEASURE 4,5,6-1,2,3 WITH 7-9-10-12 IN OC, F 1MHZ, TA 20°C)
OPERATING CURRENT
4 A
P MAX
(MEASURE 4,5,6-1,2,3, P
MAX 250W ,F 50KHZ, TA 20°C)
OPERATING FREQUENCY
50 KHZ NOM
(P
MAX 250W , TA 20°C)
OPERATING TEMPERATURE RANGE
-10°C
÷+65°C
(P
MAX 250W , F 50KHZ )
THERMAL CLASS
B
PRIMARY TO SECONDARY INSULATION
1 KV
(F 50HZ,DURATION TEST 2”, TA 20°C)
MAXIMUM DIMENSIONS
43X43 H31 mm
WEIGHT
64 g APPROX
CIRCUIT DIAGRAM
PIN DESCRIPTION
PIN
(*)
FUNCTION
PIN
(*)
FUNCTION
1A
PRIMARY DRAIN
7
SECONDARY GROUND
2A
8
NOT PRESENT
3A
9C
SECONDARY CENTER TAP
4B
PRIMARY
+VB 80V
10C
5B
11
NOT PRESENT
6B
12
SECONDARY
+200V
(*)PIN WITH THE SAME SUBSCRIPT MUST BE CONNECTED TOGETHER ON PCB
6
5
4
9
7
12
10
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com