Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 43Page - STMicroelectronics AN4070 Datasheet HTML 44Page - STMicroelectronics AN4070 Datasheet HTML 45Page - STMicroelectronics AN4070 Datasheet HTML 46Page - STMicroelectronics AN4070 Datasheet HTML 47Page - STMicroelectronics AN4070 Datasheet HTML 48Page - STMicroelectronics AN4070 Datasheet HTML 49Page - STMicroelectronics AN4070 Datasheet HTML 50Page - STMicroelectronics AN4070 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
AN4070
Magnetic components datasheets
Doc ID 022934 Rev 1
47/53
Figure 38.
Inverter filter inductor (part 1)
AM12185v1
STP 04
Product Technical Specification
Code :
06272
Product : Inductor 3.6mH
Class Code:
2196.0001
Date : 24.05.2011
Revision : 0
Page 1 of 2
MOR&D0014 -00
Rev.00
02/09/08
MAGNETICA
TYPICAL
APPLICATION
INDUCTOR FOR BUCK, B OOST AND B UCK -B OOST DC /DC
CONVERTER
, SUITABLE ALSO IN HALF-BRIDGE , PUSH -PULL AND
FULL
- BRIDGE APPLICATIONS
T ECHNICAL
DATA
INDUCTANCE
(MEASURE 1KH Z, T A 20°C)
PIN
1-4
3.6 mH ±15%
R ESISTANCE
(MEASURE DC , TA 20°C)
PIN
1-4
292 m
MAX
OPERATING
CURRENT
1.5 A MAX
(MEASURE DC, T A 20°C)
SATURATION
C URRENT
1.77 AP
(MEASURE DC , L
50%NOM , T A 20°C)
R ESONANCE
F REQUENCY
589 K HZ NOM
(T A 20°C)
AMBIENT T EMPERAT URE R ANGE
-20°C +85°C
(IR 1.5 A MAX , WITH SELF T RISE 45°C )
THERMAL
C LASS
B
S TORAGE TEMPERAT URE
RANGE
-20°C +85°C
MAXIMUM DIMENSIONS
21X2 7 H34 mm
WEIGHT
60 g APPROX
CIRCUIT DIAGRAM
INDU C TAN CE VS C URRENT
INDUCTANCE
VS F REQUENCY
10%
100%
0
0,5
1
1,5
2
L
I [A]
0%
50%
100%
150%
200%
250%
300%
0
100
200
300
400
500
f [kHz]
1
4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com