Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 28Page - STMicroelectronics AN4070 Datasheet HTML 29Page - STMicroelectronics AN4070 Datasheet HTML 30Page - STMicroelectronics AN4070 Datasheet HTML 31Page - STMicroelectronics AN4070 Datasheet HTML 32Page - STMicroelectronics AN4070 Datasheet HTML 33Page - STMicroelectronics AN4070 Datasheet HTML 34Page - STMicroelectronics AN4070 Datasheet HTML 35Page - STMicroelectronics AN4070 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
STM32F103xx based current control for inverter grid connection
AN4070
32/53
Doc ID 022934 Rev 1
Figure 21.
Block diagram of the control algorithm implemented on the 250 W MIC STM32F103xx
Apart from gird connection and MPPT, some other functions are implemented for the correct
operation of the conversion system. Here below a brief description of these functions:
●
Input voltage monitoring
Input voltage value is constantly monitored to ensure that the array voltage is always in
the correct operating range, between 18 V and 40 V.
●
Input current monitoring
The input current is also sampled to detect any condition of overcurrent in the system.
This protection is enabled when the average input current is above 12 A.
●
Bus DC voltage control
The output of the bus DC is controlled in order to stabilize the inverter input voltage to
the bus DC reference voltage. The minimum DC bus voltage is a function of the peak-
to-peak AC line voltage in order to minimize the total harmonic distortion (THD) of the
injected current. This limit depends on grid voltage fluctuations and can be calculated
according to the following equation:
Equation 44
where Pdc is the average power on the DC bus, Vgrid_max is the maximum RMS value of the
grid voltage and Zc is the output LCL filter impedance. In other words, the DC bus must
never decrease below the peak grid voltage value plus the drop across the MOSFETs and
the LCL filter. To ensure safe operation, this voltage must never surpass the protection
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
max
_
grid
c
dc
max
_
grid
min
_
ref
bus
V
Z
*
P
V
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com