Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 15Page - STMicroelectronics AN4070 Datasheet HTML 16Page - STMicroelectronics AN4070 Datasheet HTML 17Page - STMicroelectronics AN4070 Datasheet HTML 18Page - STMicroelectronics AN4070 Datasheet HTML 19Page - STMicroelectronics AN4070 Datasheet HTML 20Page - STMicroelectronics AN4070 Datasheet HTML 21Page - STMicroelectronics AN4070 Datasheet HTML 22Page - STMicroelectronics AN4070 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
AN4070
DC-DC converter design
Doc ID 022934 Rev 1
19/53
Choosing a filter capacitor value of 470 nF and a grid coupling inductor value equal to the
filtering inductor value, the resulting filter resonant frequency is equal to 5.4 kHz which falls
in the frequency range mentioned above.
The four MOSFETs selected for the inverter stage are 9 A, 650 V MDMeshV devices. The
part number is STB11N65M5 and the main electrical characteristics are reported in Table 7.
The blocking diodes are two STPS1545, 15 A, 45 V Schottky diodes while the freewheeling
diodes are two STPSC606, 6 A, 600 V silicon carbides.
Table 7.
STB11N65M5 MOSFET main electrical characteristics
Device
Type
RDSmax
Vbr@Tjmax
Idcont.@ 100 °C
Qg
STB11N65M5
MOSFET
0.48
Ω
710 V
5.6 A
17 nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com