Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 26Page - STMicroelectronics AN4070 Datasheet HTML 27Page - STMicroelectronics AN4070 Datasheet HTML 28Page - STMicroelectronics AN4070 Datasheet HTML 29Page - STMicroelectronics AN4070 Datasheet HTML 30Page - STMicroelectronics AN4070 Datasheet HTML 31Page - STMicroelectronics AN4070 Datasheet HTML 32Page - STMicroelectronics AN4070 Datasheet HTML 33Page - STMicroelectronics AN4070 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
STM32F103xx based current control for inverter grid connection
AN4070
30/53
Doc ID 022934 Rev 1
Equation 40
where:
Equation 41
Then the two components on the d-q reference frame are:
Equation 42
Therefore, if
θ=θe, the two components are reduced:
Equation 43
The grid voltage angle is detected using the PLL structure shown in Figure 20.
Figure 20.
Implemented PLL structure
The grid voltage and the 90 degree phase shifted voltage are used to perform the reference
frame change, or “Park transformation”, and create two voltage components on the d-q
reference frame called Vd and Vq. One of the two components is controlled to zero with a PI
regulator. The output of the PI regulator is the grid frequency which can be integrated to
obtain the grid angle.
It is worth noting that if the Vq component is controlled to zero then the Vd component
follows the grid voltage rotation. In this case, the active power injected into the grid can be
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⎥
⎦
⎤
⎢
⎣
⎡
θ
θ
θ
−
θ
=
⎥
⎦
⎤
⎢
⎣
⎡
α
β
q
d
V
V
cos
sin
sin
cos
V
V
⎥
⎦
⎤
⎢
⎣
⎡
θ
θ
=
⎥
⎦
⎤
⎢
⎣
⎡
α
β
e
m
e
m
sin
V
cos
V
V
V
)
sin(
V
cos
sin
V
sin
cos
V
Vq
)
cos(
V
sen
sen
V
cos
cos
V
Vd
e
m
e
m
e
m
e
m
e
m
e
m
θ
−
θ
=
θ
θ
+
θ
θ
−
=
θ
−
θ
=
θ
θ
+
θ
θ
=
0
Vq
V
Vd
m
=
=
AM12097v1
Grid Voltage
Ө
e(Grid Angle)
ωFF
90º
Өe
V
α=Vgrid
V
β
d,q
α,β
PI
PI
Vd
Vq
-
Vd*=0
dt
e
∫
=ω
θ
SW
HW
Park
Transformation
AC MAIN
Voltage
Sensing
& Scaling
Analog
Analog
to digital
to digital
converter
converter
dt
e
∫
=ω
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com