Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 42Page - STMicroelectronics AN4070 Datasheet HTML 43Page - STMicroelectronics AN4070 Datasheet HTML 44Page - STMicroelectronics AN4070 Datasheet HTML 45Page - STMicroelectronics AN4070 Datasheet HTML 46Page - STMicroelectronics AN4070 Datasheet HTML 47Page - STMicroelectronics AN4070 Datasheet HTML 48Page - STMicroelectronics AN4070 Datasheet HTML 49Page - STMicroelectronics AN4070 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
Magnetic components datasheets
AN4070
46/53
Doc ID 022934 Rev 1
Figure 37.
DC-DC converter HF transformer (part 2)
AM12184v1
STP 22
Product Technical Specification
Code:
06100
Product: Switch Mode Transformer 250W 50kHz 1.9mH 200V
Class Code:
2159.0003
Customer: STMICROELECTRONICS
Customer code:
Date : 12/01/11
Revision: 01
Page 2 of 2
MOR&D0014-00
Rev.00
02/09/08
MAGNETICA
DIMENSIONAL DRAWING
DIMENSIONS IN MILLIMETERS
, DRAWING NOT IN SCALE
42 MAX
31 MAX
3 MIN
43 MAX
REFERENCE PIN 1
12
1
1
2
3
4
5
6
TOP VIEW
(LAYOUT)
VIEW IN MOUNTIG DIRECTION
2.54
35.56
27.94
5.08
7.62
∅ 1 (X12)
RECOMMENDED PCB HOLE 1.6 (X12)
4
5
6
BOTTOM VIEW
(PIN SIDE)
9
7
12
10
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com