Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 14Page - STMicroelectronics AN4070 Datasheet HTML 15Page - STMicroelectronics AN4070 Datasheet HTML 16Page - STMicroelectronics AN4070 Datasheet HTML 17Page - STMicroelectronics AN4070 Datasheet HTML 18Page - STMicroelectronics AN4070 Datasheet HTML 19Page - STMicroelectronics AN4070 Datasheet HTML 20Page - STMicroelectronics AN4070 Datasheet HTML 21Page - STMicroelectronics AN4070 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
DC-DC converter design
AN4070
18/53
Doc ID 022934 Rev 1
The minimum value of capacitance required on the DC bus is calculated according to the
following equation:
Equation 34
where t1 is given by:
Equation 35
A total capacitance of about twice the calculated value, rated at 450 V and having an
operating temperature of 105 °C, is selected for the inverter implementation. The capacitor
bank is realized with the parallel connection of four 22 µF, 450 V capacitors.
The value of Lf is designed in order to limit the current ripple to about 20% of the nominal
current value. The following equations have been used to calculate the filtering inductance
value:
Equation 36
where n is the number of inverter levels (+Vbus, 0 and -Vbus) and D is the inverter duty cycle.
The filter capacitor value is selected to limit the exchange of reactive power below 5% of
nominal active power:
Equation 37
To avoid resonance problems for the filter, due to low and high order harmonics, the
resonant frequency should be chosen in a range between ten times the line frequency and
one half of the switching frequency. The resonant frequency of an LCL filter is given by:
Equation 38
uF
t
V
P
C
bus
out
bus
52
.
36
370
10
5
250
4
4
2
3
1
2
min
=
⋅
⋅
⋅
=
⋅
⋅
=
−
grid
F
ms
t
⋅
=
=
4
1
5
1
()
mH
f
i
D
V
V
n
L
sw
pk
grid
bus
f
54
.
3
400
.
17
22
.
0
75
.
0
)
325
380
(
3
1
1
=
⋅
⋅
−
⋅
=
⋅
Δ
⋅
−
⋅
=
nF
X
C
P
V
X
P
P
f
f
C
f
active
grid
C
active
reactive
750
1
4232
5
.
12
230
05
.
0
05
.
0
2
2
=
⋅
≤
Ω
=
=
⋅
≥
⋅
<
ω
f
g
f
g
f
res
C
L
L
L
L
f
⋅
⋅
+
⋅
⋅
=
π
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com