Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 13Page - STMicroelectronics AN4070 Datasheet HTML 14Page - STMicroelectronics AN4070 Datasheet HTML 15Page - STMicroelectronics AN4070 Datasheet HTML 16Page - STMicroelectronics AN4070 Datasheet HTML 17Page - STMicroelectronics AN4070 Datasheet HTML 18Page - STMicroelectronics AN4070 Datasheet HTML 19Page - STMicroelectronics AN4070 Datasheet HTML 20Page - STMicroelectronics AN4070 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
AN4070
DC-DC converter design
Doc ID 022934 Rev 1
17/53
The second major contribution to transformer losses is given by core losses. The value of
specific core loss, Plm, for an RM14 core operating at 35 kHz, 100 °C and with a maximum
flux density of 200 mT, is equal to 141 kW/m^3.
The total core loss is therefore given by the following equation:
Equation 32
8.
Transformer temperature rise:
Using the value of thermal resistance reported in Table 6, the maximum temperature
rise for the HF transformer is given by:
Equation 33
DC-AC converter design
The basic scheme of the DC-AC converter topology is depicted in Figure 9. MOS5 and
MOS6 are connected in one leg and switch at a frequency of 17.4 kHz. Two Schottky diodes
are connected to the drain of these two MOSFETs in order to inhibit the internal body diode.
Two external silicon carbide (SiC) diodes are therefore connected in anti-parallel for current
freewheeling while avoiding problems connected to reverse recovery at MOSFET turn-on.
MOS7 and MOS 8 are connected in the second leg and switch at grid frequency, either 50
Hz or 60 Hz. An LCL filter is connected to the mid-point of each inverter leg and is used to
interface the system to the grid. On the DC side a bank of four electrolytic capacitors is used
to store and deliver energy whenever this is required during normal operation.
Figure 9.
Basic scheme of the DC-AC converter
W
V
P
P
e
lm
Fe
9
.
1
10
14000
10
141
9
3
=
⋅
⋅
⋅
=
⋅
=
−
()
C
P
P
R
T
cu
Fe
th
°
=
⋅
=
+
⋅
=
Δ
62
.
37
09
.
2
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com