Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4070 Datasheet HTML 1Page - STMicroelectronics AN4070 Datasheet HTML 2Page - STMicroelectronics AN4070 Datasheet HTML 3Page - STMicroelectronics AN4070 Datasheet HTML 4Page - STMicroelectronics AN4070 Datasheet HTML 5Page - STMicroelectronics AN4070 Datasheet HTML 6Page - STMicroelectronics AN4070 Datasheet HTML 7Page - STMicroelectronics AN4070 Datasheet HTML 8Page - STMicroelectronics AN4070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AN4070
System description
Doc ID 022934 Rev 1
5/53
1
System description
The block diagram reported in Figure 2 shows the main concepts behind the proposed
microinverter solution.
Figure 2.
Block scheme of the 250 W grid connected system
Although the characteristics of an MIC may change according to the modules’ electrical
specifications, its structure can be composed by up to three stages to perform the MPPT
function and deliver power to the grid. The very first MICs used three stages to perform such
a conversion but, nowadays, the trend is to reduce the stages to two or even one. The
reduction of the number of stages dramatically increases efficiency, up to 96%. On the other
hand, the single-stage conversion scheme is not capable of controlling reactive power,
performing power factor correction according to specific needs that may be dictated by the
utility. These considerations, together with the possibility of reducing the size of electrolytic
capacitors, thanks to the use of a high voltage DC link, have mainly driven the design of the
250 W MIC, which then belongs to the two-stage category. The DC-DC stage is used to
boost the output voltage of the PV module up to about 400 V DC and is also responsible for
implementing the maximum power point tracking (MPPT). High efficiency and high input to
output voltage step ratio are the most important requirements for this stage. High voltage
gain can be obtained through capacitor multiplier systems or high-frequency transformers
but, since galvanic isolation is required for MIC applications, the HF transformer is always
necessary. The transformer turns ratio depends on the input and output voltage, but also on
the topology choice which can be either a voltage source one or a current source one.
However, special care must be taken when designing and manufacturing the HF transformer
to keep the leakage flux as low as possible. The leakage flux mainly depends on the winding
construction which, in turn, is affected by the transformer turns ratio. The lower the turns
ratio is, the simpler it is to realize a transformer with low leakage flux. This consideration has
led to the use of a capacitor voltage doubler on the output stage of the DC-DC converter.
The DC-AC converter is a full bridge characterized by a high frequency leg switching with
sinusoidal PWM and low frequency leg switching at grid frequency. The adoption of this
modulating strategy allows optimization of the efficiency of the MIC in the low load part of
the operating profile since a sensible reduction in switching losses is achieved. The
selection of the power devices is also crucial for the correct operation of the topology in
terms of efficiency.
AM12044v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com