Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 10Page - STMicroelectronics AN4070 Datasheet HTML 11Page - STMicroelectronics AN4070 Datasheet HTML 12Page - STMicroelectronics AN4070 Datasheet HTML 13Page - STMicroelectronics AN4070 Datasheet HTML 14Page - STMicroelectronics AN4070 Datasheet HTML 15Page - STMicroelectronics AN4070 Datasheet HTML 16Page - STMicroelectronics AN4070 Datasheet HTML 17Page - STMicroelectronics AN4070 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
DC-DC converter design
AN4070
14/53
Doc ID 022934 Rev 1
HF transformer design
The design is based on the specifications reported in Table 5 and has been used to provide
the main parameters required by HF transformer manufacturers for the realization of the
prototypes.
The design procedure and equations are shown in the section below.
1.
Calculation of total transformer power:
Equation 20
Table 5.
HF transformer specifications
Specification
Value
Turns ratio
2.6
RMS input current
4.7 A
Nominal output voltage
380 V
Minimum output voltage
370 V
Output current
1.77 A
Switching frequency
35 kHz
Efficiency
98%
Max. operating flux density
0.05T
Window utilization
0.3
Duty cycle
0.45
Temperature rise
30 °C
W
P
P
T
outT
T
app
1
.
255
98
.
0
250
_
=
=
=
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com