Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 27Page - STMicroelectronics AN4070 Datasheet HTML 28Page - STMicroelectronics AN4070 Datasheet HTML 29Page - STMicroelectronics AN4070 Datasheet HTML 30Page - STMicroelectronics AN4070 Datasheet HTML 31Page - STMicroelectronics AN4070 Datasheet HTML 32Page - STMicroelectronics AN4070 Datasheet HTML 33Page - STMicroelectronics AN4070 Datasheet HTML 34Page - STMicroelectronics AN4070 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
AN4070
STM32F103xx based current control for inverter grid connection
Doc ID 022934 Rev 1
31/53
controlled transforming the current in the same reference frame and by acting on the
amplitude of the Id component. The Iq component must, also, be controlled in order to
ensure zero reactive power injection. On the contrary, if the Vq component is controlled to
zero in the PLL, the active power is controlled with the Id current component and the Iq
current component is used to control the reactive power to zero or to the desired value.
The reference values for the active and reactive component of the current are set by two
additional PI regulators in the outer control loop. The active reference current component is
generated by confronting the DC bus voltage with the reference voltage value. The error
between the actual value and the reference DC bus voltage is sent to a PI regulator whose
output is the active current component value.
Similarly, the reactive current reference value is set by another PI regulator whose input is
the error generated between the reactive power command and the actual estimated value.
The difference between the reference components of the current and the actual d-q
components are the inputs of the PI regulators in the inner control loop. The outputs of the
PI regulators in the inner loop are two voltage components, Vd and Vq. By performing a
reverse Park transformation two AC voltages are generated back on the stationary reference
frame, and so the generation of the modulating signals of the DC-AC converter can be
executed by the microcontroller. The block diagram of the control strategy described above
is shown in Figure 21. The amount of power injected into the grid depends on the power
available from the PV panel. This power is then processed by the DC-DC converter which is
controlled in order to maximize the energy yield from the array, independently from
temperature variations and irradiation conditions, by controlling its input impedance. The
control of the input impedance requires both PV array current and voltage sensing and
some simple calculations executed by the well known maximum power point algorithm. The
perturb & observe (P&O) method is a very common and easy way to implement an MPPT
technique. The DC-DC converter duty cycle is incremented or decremented according to
both array power and voltage change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com