Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4070 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 44Page - STMicroelectronics AN4070 Datasheet HTML 45Page - STMicroelectronics AN4070 Datasheet HTML 46Page - STMicroelectronics AN4070 Datasheet HTML 47Page - STMicroelectronics AN4070 Datasheet HTML 48Page - STMicroelectronics AN4070 Datasheet HTML 49Page - STMicroelectronics AN4070 Datasheet HTML 50Page - STMicroelectronics AN4070 Datasheet HTML 51Page - STMicroelectronics AN4070 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Magnetic components datasheets
AN4070
48/53
Doc ID 022934 Rev 1
Figure 39.
Inverter filter inductor (part 2)
AM12186v1
STP 04
Product Technical Specification
Code :
06272
Product : Inductor 3.6mH
Class Code:
2196.0001
Date : 24.05.2011
Revision : 0
Page 2 of 2
MOR&D0014 -00
Rev.00
02/09/08
MAGNETICA
DIMENSIONAL
DRAWING
DIMENSIONS IN MILLIMETERS
, DRAWING NOT IN SCALE
BOTTOM VIEW
(PIN SIDE)
1
26.5 MAX
4
+1
-0.5
22 MAX
3
12.75
3
3
1.75
5
5
5
=
=
12
13 17
3
2
2
TOP VIEW
(GRID )
2.4
2.4
5
5
5
3.5
12.75
9.8
14.6
34 MAX
21 MAX
3.8 MAX
1.6
+0.1
-0
2
1.4
0.71 (X4)
RECOMMENDED PCB
HOLE
1.1 (X4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com