Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 5Page - STMicroelectronics AN2929 Datasheet HTML 6Page - STMicroelectronics AN2929 Datasheet HTML 7Page - STMicroelectronics AN2929 Datasheet HTML 8Page - STMicroelectronics AN2929 Datasheet HTML 9Page - STMicroelectronics AN2929 Datasheet HTML 10Page - STMicroelectronics AN2929 Datasheet HTML 11Page - STMicroelectronics AN2929 Datasheet HTML 12Page - STMicroelectronics AN2929 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
9/32
2
Testing the board
2.1
Typical board waveforms
Drain voltage and current waveforms were captured for the two nominal input voltages and
for the minimum and the maximum voltage of the converter’s input operating range.
Figure 5 and Figure 6 show the drain current and the drain voltage waveforms at the
nominal input voltages of 115 VAC and 230 VAC when the load is the maximum (2.4 A).
Figure 7 and Figure 8 show the same waveforms for the same load condition, but for the
minimum (90 VAC) and the maximum (265 VAC) input voltages.
The converter is designed to operate in continuous conduction mode (in full-load condition)
at low line. CCM (continuous conduction mode) allows reducing the root mean square
current values at the primary side in the power switch inside the VIPER27LN and at the
secondary side in the output diode (D4) and in the output capacitors (C9 and C14).
Reducing RMS currents means reducing the power dissipation (mainly in the VIPER27LN)
and the stress on these components.
Figure 5.
Drain current and voltage at
full load 115 VAC
Figure 6.
Drain current and voltage at
full load 230 VAC
Figure 7.
Drain current and voltage at
full load 90 VAC
Figure 8.
Drain current and voltage at
full load 265 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com