Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 16Page - STMicroelectronics AN2929 Datasheet HTML 17Page - STMicroelectronics AN2929 Datasheet HTML 18Page - STMicroelectronics AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Testing the board
AN2929
20/32
Doc ID 15333 Rev 2
Figure 20.
Output power vs. input voltage with input power of 1 W
If brownout protection is required, for the same load condition the input power increases.
The brownout external circuit (R16, R17 and R18 see schematic in Figure 2) is connected in
parallel with a bulk capacitor (C3 in the schematic) and some power is dissipated on it
according to the voltage across the bulk capacitor. The following formula gives the additional
power dissipation in the brownout circuit:
Equation 1
In light-load condition the voltage across bulk capacitor can be considered constant and
equal to the peak of the AC input voltage. Considering the worst case of maximum input
voltage, the dissipation in the brownout circuit is:
Equation 2
Table 16.
Output power when the input power is 1 W
VIN
(VRMS)
PIN
(mW)
POUT
(mW)
Efficiency
(%)
Pin-Pout
(mW)
90
1000
767.1
76.71
232.853
115
1000
762.1
76.21
237.910
230
1000
752.0
75.20
248.024
265
1000
726.2
72.62
273.815
AM02174v1
720.0
730.0
740.0
750.0
760.0
770.0
80
120
160
200
240
280
VINAC (VRMS)
POUT (mW)
)
18
R
17
R
16
R
(
V
P
2
RMS
_
BULK
LOSS
_
BR
+
+
=
mW
43
k
3222
)
V
265
2
(
)
18
R
17
R
16
R
(
V
P
2
2
PK
_
ACMAX
LOSS
_
BR
≅
Ω
⋅
⋅
⋅
=
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com