Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics AN2929 Datasheet HTML 28Page - STMicroelectronics AN2929 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
25/32
Figure 26.
OVP
The test was performed in different line and load conditions, to check the dependence of the
output voltage value, when the protection is activated, on the converter’s input voltage and
load.
The results are shown in Table 17.
The variation with load and line condition is very low ([5.45 V; 5.59 V],
ΔV
OUT_OVP = 140 mV), less than 3%. Considering a precision of the OVP threshold on the
CONT pin of 10% ([2.7 V; 3.3 V]), using as ROVP and RLIM 1% precision resistance and with
a turn ratio between the secondary and auxiliary windings that has a precision of 5%, it is
possible to fix the output overvoltage 20%, 25% higher than the nameplate output voltage of
the converter, without risk of undesired protection tripping due to the spread in the values of
the components (R3 and R14), of the transformer parameter (turn ratio) and of the
VIPER27LN parameter (VOVP).
It is possible to not implement this protection if it is not necessary, by not mounting diode D2
and resistor R14, thus reducing the number of components.
Table 17.
Input and output load
VOUT_OVP (V)
VIN
(VRMS)
Load
No load
25% (0.6 A)
50% (1.2 A)
75% (1.8 A)
100% (2.4 A)
90
5.56
5.50
5.46
5.45
5.45
115
5.56
5.51
5.49
5.48
5.46
230
5.59
5.55
5.52
5.53
5.53
265
5.59
5.54
5.54
5.53
5.53
Ch1: VCONT
Ch2: VFB
Ch3: VOUT
Working condition:
input voltage: 115VAC
No load
Feedback pin: discon-
nected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com