Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 12Page - STMicroelectronics AN2929 Datasheet HTML 13Page - STMicroelectronics AN2929 Datasheet HTML 14Page - STMicroelectronics AN2929 Datasheet HTML 15Page - STMicroelectronics AN2929 Datasheet HTML 16Page - STMicroelectronics AN2929 Datasheet HTML 17Page - STMicroelectronics AN2929 Datasheet HTML 18Page - STMicroelectronics AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Testing the board
AN2929
16/32
Doc ID 15333 Rev 2
Figure 16.
Input voltage averaged efficiency vs. load
In the version 2.0 of the ENERGY STAR® program requirement for single voltage external
AC-DC power supplies (see Section 4: References), the power supplies are divided in two
categories: low-voltage power supplies and standard power supplies with respect to the
nameplate output voltage and current. An external power supply, in order to be considered a
low-voltage power supply, needs to have a nameplate output voltage lower than 6 V and a
nameplate output current greater than or equal to 550 mA.
The tables below give the EPA energy efficiency criteria for AC-DC power supplies in active
mode for standard models and for low-voltage models, respectively.
Table 10.
Energy efficiency criteria for standard models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 W < Pno ≤ 1 W
= 0.48 * Pno + 0.140
1 W < Pno ≤ 49 W
= [0.0626 * In (Pno)] + 0.622
Pno > 49 W
= 0.870
Table 11.
Energy efficiency criteria for low-voltage models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 W < Pno ≤ 1 W
= 0.497 * Pno + 0.067
1 W < Pno ≤ 49 W
= [0.075 * In (Pno)] + 0.561
Pno > 49 W
= 0.860
AM02180v1
65.00
70.00
75.00
80.00
85.00
4
1
1
1
8
5
2
P
OUT (W )
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com