Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics AN2929 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Testing the board
AN2929
24/32
Doc ID 15333 Rev 2
2.7
Output overvoltage protection
An output overvoltage protection is implemented by monitoring the voltage across the
auxiliary winding during the MOSFET off-time, through the D2 diode and the resistor divider
R3 and R14 (see schematic of Figure 2) connected to the CONT pin of the VIPER27LN. If
the voltage on the pin exceeds the VOVP thresholds (3 V typ.), an overvoltage event is
assumed and the power section is no longer allowed to switch on. To re-enable operation,
the VDD voltage has to be recycled. In order to provide high noise immunity and avoid that
spikes erroneously trip the protection, a digital filter was implemented so the CONT pin has
to sense a voltage higher than VOVP for four consecutive cycles before stopping operation.
Figure 25.
OVP circuit
The value of the output voltage when the protection has to be tripped can be set by properly
selecting the resistor divider R3 and R14. R3 is selected according to the maximum power
that the converter has to provide to the output, and R14 is selected according to Equation 3:
Equation 3
The protection was tested by disconnecting the opto-coupler from the feedback pin and
applying a minimum load to the converter. In this way the converter operates in open loop
and delivers the maximum power that it can to the output. The excess of power with respect
to the load charges the output capacitance, increasing the output voltage since the OVP is
tripped and the converter stops working.
In Figure 26 it is possible to see that the output voltage increases and, as it reaches the
value of 5.58 V, the converter stops switching. In the same figure the CONT pin voltage
(Ch1, yellow waveform) is shown. The crest value of the CONT pin voltage tracks the output
voltage.
AM02175v1
Current Limit Comparator
OVP DETECTION
LOGIC
Rlim
Dov p (D2)
Auxiliary
w inding
From SenseFET
To OVP Protection
To PWM Logic
Curr. Lim.
BLOCK
(R3)
CONT PIN
Rov p (R14)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
⋅
⋅
=
OVP
D
_
drop
OVP
_
OUT
s
AUX
OVP
)
3
R
_(
LIM
)
14
R
_(
OVP
V
V
V
N
N
V
R
R
)
2
D
_(
ovp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com