Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics AN2929 Datasheet HTML 28Page - STMicroelectronics AN2929 Datasheet HTML 29Page - STMicroelectronics AN2929 Datasheet HTML 30Page - STMicroelectronics AN2929 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
27/32
The current hysteresis provides an additional degree of freedom. It is possible to set the ON
threshold and the OFF threshold for the flyback input voltage separately by properly
choosing the resistors of the external divider. The following relationships can be established
for the ON (VIN_ON) and OFF (VIN_OFF) thresholds of the input voltage:
Equation 4
Equation 5
where IBRhyst = 8.5 µA (typ.) is the current hysteresis, VBRhyst = 50 mV (typ.) is the voltage
hysteresis and VBRth = 450 mV (typ.) is the brownout comparator internal reference.
One purpose of this protection is to stop operation of the converter when the line voltage is
too low, avoiding an excessive root mean square current value flowing inside the main
switch and consequently its overheating. Another purpose is to avoid a false restart of the
converter and then having a monotonic decay to zero of the output voltage when the
converter itself is unplugged from the mains. A typical situation, in most cases for converters
designed for the European range (230 VAC), could be a converter that, when unplugged,
shuts down due to the overload protection (due to the low input voltage the converter is not
able to supply the full power), but the voltage on the bulk capacitor is higher than VDRAIN
RESTART so the device restarts and the output voltage rises again. This situation could be
dangerous for some loads, and in many applications it is better to avoid it.
The following figures show how the brownout protection works in the VIPER27LN board
when used. Figure 30 shows the behavior of the board when the input voltage is changed
from 90 VAC to 75 VAC with a full load applied. The system stops switching and the output
load, no longer supplied, decays monotonically to zero.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
=
L
L
H
BRth
OFF
_
IN
R
R
R
V
V
()
BRhyst
H
L
L
H
BRhyst
BRth
ON
_
IN
I
R
R
R
R
V
V
V
⋅
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com