Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 10Page - STMicroelectronics AN2929 Datasheet HTML 11Page - STMicroelectronics AN2929 Datasheet HTML 12Page - STMicroelectronics AN2929 Datasheet HTML 13Page - STMicroelectronics AN2929 Datasheet HTML 14Page - STMicroelectronics AN2929 Datasheet HTML 15Page - STMicroelectronics AN2929 Datasheet HTML 16Page - STMicroelectronics AN2929 Datasheet HTML 17Page - STMicroelectronics AN2929 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Testing the board
AN2929
14/32
Doc ID 15333 Rev 2
Figure 13.
Efficiency vs. VIN
Figure 14.
Efficiency vs. load
AM02177v1
65.00
70.00
75.00
80.00
85.00
50
100
150
200
250
300
V
INAC (V RMS )
Efficiency
100%
75%
50%
25%
AM02178v1
65.00
70.00
75.00
80.00
85.00
2.000
5.000
8.000
11.000
14.000
Pout (W)
Efficiency
90VAC
115VAC
230VAC
265VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com