Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 8Page - STMicroelectronics AN2929 Datasheet HTML 9Page - STMicroelectronics AN2929 Datasheet HTML 10Page - STMicroelectronics AN2929 Datasheet HTML 11Page - STMicroelectronics AN2929 Datasheet HTML 12Page - STMicroelectronics AN2929 Datasheet HTML 13Page - STMicroelectronics AN2929 Datasheet HTML 14Page - STMicroelectronics AN2929 Datasheet HTML 15Page - STMicroelectronics AN2929 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Testing the board
AN2929
12/32
Doc ID 15333 Rev 2
switching period the output capacitance is recharged. The figures below show the output
voltage and the feedback voltage when the converter is not loaded. In Figure 11 the
converter is supplied with 115 VAC and with 230 VAC in Figure 12.
Figure 11.
Output voltage ripple 115 VINAC at no load (burst mode)
Figure 12.
Output voltage ripple 230 VINAC 50 mA at no load (burst mode)
CH1: VOUT
CH2: VOUT_FLY
CH4: IDRAIN
CH1: VOUT
CH2: VOUT_FLY
CH4: IDRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com