Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 13Page - STMicroelectronics AN2929 Datasheet HTML 14Page - STMicroelectronics AN2929 Datasheet HTML 15Page - STMicroelectronics AN2929 Datasheet HTML 16Page - STMicroelectronics AN2929 Datasheet HTML 17Page - STMicroelectronics AN2929 Datasheet HTML 18Page - STMicroelectronics AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
17/32
Figure 17.
ENERGY STAR® efficiency criteria
Figure 17 shows the efficiency criteria where the red line is the criteria for the standard
model and the blue line is the criteria for the low-voltage model. The PNO axe is in
logarithmic scale.
The power supply presented belongs to the low-voltage power supply category and, in order
to be compliant with ENERGY STAR® requirements, needs to have efficiency higher than
74.7%. For all the considered input voltages, the efficiency results (see Table 8) are higher
than the recommended value.
2.4
Light-load performance
The input power of the converter was measured in no load condition, with brownout
protection disabled (see Section 2.8) for different input voltages and the results are given in
Table 12.
In version 2.0 of the ENERGY STAR® program the power consumption of the power supply
when it is not loaded is also considered. The criteria for compliance are given in the table
below.
Table 12.
No-load input power (no brownout)
VINAC (VRMS)Pin (mW)
fSW_AVG (kHz)
90
15
0.590
115
16
0.558
230
24
0.434
265
29
0.401
Table 13.
Energy consumption criteria for no load
Nameplate output power (Pno)
Maximum power in no load for AC-DC EPS
0 W < Pno ≤ 50 W
< 0.3 W
50 W < Pno < 250 W
< 0.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com