Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 7Page - STMicroelectronics AN2929 Datasheet HTML 8Page - STMicroelectronics AN2929 Datasheet HTML 9Page - STMicroelectronics AN2929 Datasheet HTML 10Page - STMicroelectronics AN2929 Datasheet HTML 11Page - STMicroelectronics AN2929 Datasheet HTML 12Page - STMicroelectronics AN2929 Datasheet HTML 13Page - STMicroelectronics AN2929 Datasheet HTML 14Page - STMicroelectronics AN2929 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
11/32
The waveforms of the two voltages (VOUT and VOUT_FLY) are shown in the figures below.
Figure 9.
Output voltage ripple 115 VINAC full load
Figure 10.
Output voltage ripple 230 VINAC full load
When the device is working in burst mode, a lower frequency ripple is present. In this mode
of operation the converter does not supply continuous power to its output. It alternates
periods when the power MOSFET is kept off and no power is processed by the converter,
and periods when the power MOSFET is switching and power flows towards the converter
output. Even if no load is present at the output of the converter, during no switching periods,
the output capacitors are discharged by their leakage currents and by the currents needed
to supply the circuitry of the feedback loop present at the secondary side. During the
Ch3: VOUT
Ch4: VDRAIN
Ch2: VOUT_FLY
Ch3: VOUT
Ch4: VDRAIN
Ch2: VOUT_FLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com