Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
23/32
Figure 23.
2nd OCP tripping
In Figure 23 when the board was working in full-load condition with an input voltage of
115 VAC, the secondary winding was shorted. The short on the secondary winding leads to
a high drain current. After two switching cycles, the system stops and continuous running
with high currents in the primary as well as in the secondary windings and through the
power section of the VIPER27LN is avoided. Figure 24 shows the situation when a
permanent short-circuit is applied on the secondary windings. Most of the time the power
section of the VIPER27LN is off, eliminating any risk of overheating.
Figure 24.
Operating with secondary winding shorted - restart mode
Ch1 = VOUT
Ch2 = VFB
Ch4 = IDRAIN
Test condition:
Vin = 230VAC
Full load before
short
Ch3 = VDD
Ch4 = IDRAIN
Test condition
Vin=230VAC
Secondary winding
shorted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com