Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 18Page - STMicroelectronics AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Testing the board
AN2929
22/32
Doc ID 15333 Rev 2
The duty cycle of power delivery is very low (around 1.55%) so the average power
throughput is also very low (see the figure below).
Figure 22.
Operation with output shorted
2.6
Secondary winding short-circuit protection
The VIPER27LN is provided with an adjustable first level of primary overcurrent limitation
that switches off the power MOSFET if this level is exceeded. This limitation acts cycle by
cycle and its main purpose is to limit the maximum deliverable output power. A second level
of primary overcurrent protection is also present and in this case it is not adjustable, it is
fixed to 1 A (typical value). If the drain current exceeds this 2nd OCP (second overcurrent
protection) threshold, the device enters a warning state. The next cycle the MOSFET is
switched on, and if again the second level of overcurrent protection is exceeded, the device
assumes that a secondary winding short-circuit or a hard saturation of the transformer is
happening and stops the entire operation. In order to re-enable the operation, the VDD
voltage has to be recycled which means that VDD has to go down to VDD_RESTART, then rise
up to VDD_ON. When the VIPER27LN is switched on again (VDD equals VDD_ON), the
MOSFET can start to switch again. If the cause of the 2nd overcurrent protection activation
is not removed, the device goes in auto-restart mode.
This protection was tested on the present board. The secondary winding of the transformer
was shorted, in different operating conditions. The following figures show the behavior of the
system during these tests.
Ch1: V
DD
Ch2: V
FB
Ch4: I
DR AIN
V
IN =115VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com