Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 15Page - STMicroelectronics AN2929 Datasheet HTML 16Page - STMicroelectronics AN2929 Datasheet HTML 17Page - STMicroelectronics AN2929 Datasheet HTML 18Page - STMicroelectronics AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
19/32
Figure 18.
Input power vs. input voltage for different loads
Figure 19.
Average switching frequency vs. input voltage
Depending on the equipment supplied, we can have several criteria to measure the standby
or light-load performance of a converter. One criterion is the measure of the output power
when the input power is equal to one watt. Table 16 gives the output power needed to have
1 W of input power in different line conditions and Figure 20 illustrates this.
AM02173v1
0
1
2
3
4
80
120
160
200
240
280
V INAC
F
SW_AVG (kHZ)
25 mW
0 mW
50mW
POUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com