Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2929 Datasheet HTML 1Page - STMicroelectronics AN2929 Datasheet HTML 2Page - STMicroelectronics AN2929 Datasheet HTML 3Page - STMicroelectronics AN2929 Datasheet HTML 4Page - STMicroelectronics AN2929 Datasheet HTML 5Page - STMicroelectronics AN2929 Datasheet HTML 6Page - STMicroelectronics AN2929 Datasheet HTML 7Page - STMicroelectronics AN2929 Datasheet HTML 8Page - STMicroelectronics AN2929 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AN2929
Board description
Doc ID 15333 Rev 2
5/32
1
Board description
1.1
Electrical specifications
The electrical specifications of the VIPER27LN demonstration board are listed in Table 1.
1.2
Schematic and bill of material
The schematic of the board is shown in Figure 2. Table 2 gives the list of components (bill of
material).
Table 1.
Electrical specifications
Symbol
Parameter
Value
Unit
VIN
Input voltage range
[90VRMS; 265VRMS]V
VOUT
Output voltage
5
V
IOUT
Max output current
2.4
A
ΔVOUT_LF Precision of output regulation
±5%
ΔVOUT_HF High-frequency output voltage ripple
50
mV
TA
Max ambient operating temperature
60
°C
Figure 2.
Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com