Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 17Page - STMicroelectronics AN2929 Datasheet HTML 18Page - STMicroelectronics AN2929 Datasheet HTML 19Page - STMicroelectronics AN2929 Datasheet HTML 20Page - STMicroelectronics AN2929 Datasheet HTML 21Page - STMicroelectronics AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
21/32
2.5
Overload protection
The VIPER27LN has several protections, one of which prevents converter damage in case
of overload or output short-circuit. If the load power demand increases, the output voltage
decreases and the feedback loop reacts by increasing the voltage on the feedback pin. The
increase of the feedback pin voltage leads to the PWM current set point increase which
increases the power delivered to the output until this power equals the load power. If the
load power demand exceeds the converter’s power capability (which can be adjusted using
RLIM), the voltage on feedback pin continuously rises but the power delivered no longer
increases. When the feedback pin voltage exceeds VFB_lin (3.3 V typ.), VIPER27LN logic
assumes that it is a warning for an overload event. Before shutting down the system, the
device waits for a period of time set by the capacitor present on the feedback pin. In fact if
the voltage on the feedback pin exceeds VFB_lin, the internal pull-up is disconnected and the
pin starts sourcing a 3 A current that charges the capacitor connected to it. As the voltage
on the feedback pin reaches the VFB_olp threshold (4.8 V typ.), VIPER27LN stops switching
and is not allowed to switch again until the VDD voltage goes below VDD_RESTART (4.5 V typ.)
and rises again up to VDD_ON (14 V typ.).
The following waveform shows the behavior of the converter when the output is shorted.
Figure 21.
Output short-circuit
If the short-circuit is not removed, the system starts to work in auto-restart mode. The
behavior, when a short-circuit is permanently applied on the output, is a short period of time
where the MOSFET is switching and the converter tries to deliver to the output as much
power as it can, and a longer period where the device is not switching and no power is
processed.
Ch1: V
OUT
Ch2: V
FB
Ch4: I
DR AIN
V
IN =115VAC
Fu ll Load
Before the short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com